Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3203DI Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAN3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 11Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PixArt Imaging Inc.
PAN3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
4.2 1.8V Application Circuit (with IR LED)
#2. EEPROM Circuit
BAT_1.5V
Z2
B5
SW5
+
C23
1uF
+
C21
10uF
Q3
3904
BAT_3.0V
VCC_1.8V
RFDATA
R11
100K
R8
10K
BatDetect
C5
0.1uF
C6
22pF
Note2:
Please reserve C19,R5,SW7 for future use
Z1
C12
100pF
C9
0.1uF
RFEN
SW3
C24
0.1uF
Q4
2N3906
Q1
2N3906
ISDA
RFU
* R5 open
* C19
X1
27.042MHZ
+
C32
22uF
D2
1N5819
U1
ELM9318
VOUT
SW
VCC_1.8V
* SW7
IR_1.8V
B4
RFosc
VCC_1.8V
R20
short/open
#1. Battery Power Circuit
Note1:
R20
R21
short
open
==>VDD_1.8V
open
short ==>BAT_3.0V
IR_1.8V
R1
D1
VCC_1.8V
Z1
RFU
LKEY
VR1
100K
R4
10R
MKEY
U4
PAN3203DI
20
17
23
2
24
15
6
3
21
7
14
16
8
13
1
19
10
22
4
18
9
5
11
12
BR
RFID
RFU
ZY2
BATLow
ISCK
OSCOUT
BL
BM
OSCIN
NC
ISDA
VDDD
B5
ZY1
RFEN
VDD
NC
B4
RFDATA
VSS
LED
VDDA
VREF
VR2
100K
Z2
SW2
C18 10pF
#4. Sensor Circuit
R14
100K
RFcarrier
B5
SW4
+
C11
1uF
IR_1.8V
VIN PAD
U5
ELM9818
R21
open/short
R9
170K
R3 10K
BAT_1.5V
RFID
LKEY
ENSW1
ENCODER
Z2
Z1
COM
RKEY
SW6
VCC_1.8V
B. Regulator
+
C8
1uF
SW1
MKEY
+
C30
47uF
#3. RF TX Circuit
+
C33
22uF
BatDetect
RFcarrier
BAT_3.0V
VCC_1.8V
+
C20
1uF
C10
0.1uF
A. DC/DC Converter
ISCK
C13
100pF
RFDATA
RFosc
+
C31
100uF
C22
0.1uF
R7
10K
L2
220uH
R6 2K
RKEY
Q4
2N3906
BatDetect
Optional power source: A or B
VCC_1.8V
RFEN
RFID
U3
24AA02
A0
A1
A2
VSS SDA
SCL
WP
VCC
ISCK
VCC_1.8V
B4
R10
470K
BAT_3.0V
ISDA
Q2
3904
Figure5. Application Circuit for 1.8V (with IR LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com