Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3203DI Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAN3203DI Datasheet HTML 1Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 2Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 3Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PixArt Imaging Inc.
PAN3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
1. Pin Configuration
1.1 Pin Assignment
1.2 Pin Description
Pin # Name
Type
Definition
1
ZY1
IN
Z axis, scroller input, internal pull-low (50k), support mechanical encoder only
2
ZY2
IN
Z axis, scroller input, internal pull-low (50k), support mechanical encoder only
3
BL
IN
Button left key input, internal pull-high (50k), press connect to low
4
B4
IN
Button 4 key input, internal pull-high (50k), press connect to low
5
LED
I/O
LED driver control
6
OSCOUT OUT
Oscillator output, connect to 27MHz crystal
7
OSCIN
IN
Oscillator input, connect to 27MHz crystal
8
VDDD
PWR
Digital circuit voltage power, 1.8V
9
VSS
GND
Chip ground
10 VDD
PWR
Chip I/O power voltage, 1.73V~1.87V(Vdd1) or 2.5V~2.9V(Vdd2)
11 VDDA
PWR
Analog circuit voltage power, 1.8V
12 VREF
BYPASS Analog circuit voltage reference
13 B5
IN
Button 5 key input, internal pull-high (50k), press connect to low
14 NC
-
No connection
15 ISCK
IN
I
2C serial clock, internal pull-high (5k)
16 ISDA
I/O
I
2C bi-directional input/output pin, internal pull-high (5k)
17 RFID
IN
RFID resynchronization, internal pull-high (50k), press connect to low
18 RFDATA OUT
RF data output, CMOS output
19 RFEN
OUT
RF power control, CMOS output
20 BR
IN
Button right key input, internal pull-high (50k), press connect to low
21 BM
IN
Button middle key input, internal pull-high (50k), press connect to low
22 NC
-
No connection
23 RFU
IN
Reserve for future use
24 BATLow IN
Battery low detection input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com