Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3203DI Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 11Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 12Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PixArt Imaging Inc.
PAN3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
4.4 PCB Layout Consideration
1. Caps for pins 8, 10, 11, 12 MUST have trace lengths LESS than 5mm.
2. The trace lengths of OSCOUT, OSCIN must less than 6mm.
3. The trace length of RFosc, RFcarrier must as short as possible.
4.5 Recommended Value for R1
4.5.1 Using Red LED
Radiometric intensity of red LED
Bin limits (mW/Sr at 20mA)
Note: Tolerance for each bin will be ± 15%
Suggested R1:
Red LED Bin Grade
Suggested R1 (ohm)
N
12
P
12
Q
12
4.5.2 Using IR LED
Suggested R1:
IR LED Bin Grade
Suggested R1 (ohm)
TBD
0
It is not guaranteed that the performance of PAN3203DI with IR LED is as good as PAN3203DI with red LED.
PAN3203DI is designed to a very good match with red LED, and this combination has the best performance.
4.5.3 Summary
Light Source
LED Bin Grade
VDD
R1 (ohm)
Red LED
N, P, Q
2.7
12
IR LED
TBD
1.8
0
LED Bin Grade
Min.
Typ.
Max.
N
14.7
-
17.7
P
17.7
-
21.2
Q
21.2
-
25.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com