Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3203DI Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAN3203DI Datasheet HTML 1Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 2Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 3Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PixArt Imaging Inc.
PAN3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
3. Specifications
Absolute Maximum Ratings
Stresses above those listed under "Absolute Maximum Rating" may cause permanent damage to the device.
These are stress ratings only. Functional operation of this device at these or any other conditions above those
indicated in the operational sections of this specification is not implied and exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Symbol Parameter
Min.
Max.
Unit
Notes
TSTG
Storage temperature
-40
85
°C
TA
Operating Temperature
-15
55
°C
-0.5
Vdd1 + 0.2
V
VDC
DC supply voltage
-0.5
Vdd2 + 0.3
V
VIN
DC input voltage
-0.5
VDC
V
All I/O pin
Lead Solder Temp
-
260
°C
For 10 seconds, 1.6mm below seating plane
ESD
-
-
2
kV
All pins, human body model MIL 883 Method
3015
Recommend Operating Condition
Symbol Parameter
Min.
Typ.
Max.
Unit
Notes
TA
Operating Temperature
0
-
40
°C
Vdd1
1.73
1.8
1.87
VDDD, VDDA, VDD short
Vdd2
Power supply voltage
2.5
2.7
2.9
V
VDD
VN
Supply noise
-
-
100
mV
Peak to peak within 0-100 MHz
Z
Distance
from
lens
reference plane to surface
2.3
2.4
2.5
mm
Refer to Figure2
R
Resolution
400
800
1000
cpi
A
Acceleration
-
-
TBD
g
FCLK
Clock Frequency
26.995
27.042
27.245
MHz
Set by crystal
FR
Frame Rate
-
3000
-
Frames/s
S
Speed
-
-
28
Inches/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com