Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3203DI Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 11Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 12Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PixArt Imaging Inc.
PAN3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
4.3 2.7V Application Circuit (with Red LED)
RFEN
SW6
RFEN
R8
10K
RKEY
RFcarrier
BAT(1.5V)
LKEY
SW3
R7
10K
* R5 open
BAT(1.5V)
RFU
RFID
RFcarrier
R3 10K
U1
ELM9327
VOUT
SW
VCC_2.7V
SW4
Z1
D1
Q2
3904
MKEY
RFDATA
#1. Battery Power Circuit
ISCK
X1
27.042MHZ
BatDetect
RFU
+
C1
47uF
Z2
B5
+
C20
1uF
R4
10R
BatDetect
ISDA
#3. RF TX Circuit
Z2
C24
0.1uF
+
C11
1uF
SW1
#4. Sensor Circuit
RFDATA
RFosc
B4
B4
ISDA
C5
0.1uF
SW5
+
C23
1uF
+
C21
10uF
D2
1N5819
Q1
2N3906
+
C8
1uF
Note1:
Please reserve C19,R5,SW7 for future use
RFID
R11
100K
SW2
VR1
500K
MKEY
C22
0.1uF
VCC_2.7V
C9
0.1uF
* C19
R6 2K
C12
100pF
DC/DC Converter
R1
U3
24AA02
A0
A1
A2
VSS SDA
SCL
WP
VCC
RFosc
RKEY
U4
PAN3203DI
20
17
23
2
24
15
6
3
21
7
14
16
8
13
1
19
10
22
4
18
9
5
11
12
BR
RFID
RFU
ZY2
BATLow
ISCK
OSCOUT
BL
BM
OSCIN
NC
ISDA
VDDD
B5
ZY1
RFEN
VDD
NC
B4
RFDATA
VSS
LED
VDDA
VREF
C10
0.1uF
Q3
3904
ENSW1
ENCODER
Z2
Z1
COM
VCC_2.7V
B5
VCC_2.7V
VCC_2.7V
LED_2.7V
LKEY
Z1
* SW7
#2. EEPROM Circuit
L1
200uH
ISCK
VCC_2.7V
+
C2
47uF
VR2
500K
Q4
2N3906
C18 10pF
LED_2.7V
C13
100pF
C6
22pF
Figure6. Application Circuit for 2.7V (with Red LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com