Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAN3203DI Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAN3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3203DI Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAN3203DI Datasheet HTML 1Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 2Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 3Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAN3203DI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAN3203DI
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.1 Jan. 2006
PAN3203DI WIRELESS OPTICAL MOUSE SINGLE CHIP
General Description
The PAN3203DI optical mouse sensor is a CMOS wireless mouse single chip that serves as a non-mechanical
motion estimation engine for implementing a wireless mouse.
Features
Single power supply
27MHz FSK wireless protocol
No mechanical parts
Complete 2-D motion sensor
Precise optical motion estimation technology
Accurate motion estimation over a wide range
of surfaces
High resolution up to 1000cpi
High speed motion detection up to 28 inches/sec
Supports five buttons (R, M, L, B4, B5) and
three axes (X, Y, Z) output
Mouse operation condition, RF protocol timing
and sensor chip turn function can be power-up
loaded from external EEPROM
Support I
2CTM EEPROM interface
Battery low detection
Key Specification
Power Supply
Range
1.73V~1.87V (VDDD,VDDA, VDD)
2.5V~2.9V (VDD)
Optical Lens
1:1
Interface
27MHz FSK wireless protocol
System Clock
27 MHz
Frame Rate
3000 frames/sec
Speed
28 inches/sec
Acceleration
TBD
Resolution
400/600/800(default)/1000 CPI
Operating
Current
5mA @Mouse moving (Normal)
800uA @Mouse not moving (Sleep1)
150uA @Mouse not moving (Sleep2)
Package
Shrunk DIP24
Ordering Information
Order number
Resolution (cpi)
PAN3203DI
800


Similar Part No. - PAN3203DI

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
LOW POWER CMOS OPTICAL MOUSE SENSOR
PAN3204DB PIXART-PAN3204DB Datasheet
570Kb / 27P
LOW COST WIRELESS MOUSE SENSOR
V3.0, Apr. 2008
More results

Similar Description - PAN3203DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5365 STMICROELECTRONICS-VT5365 Datasheet
50Kb / 5P
Single-chip optical mouse sensor for wireless applications
13-Jun-2006
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
VT5365 STMICROELECTRONICS-VT5365_07 Datasheet
500Kb / 26P
Single chip optical/laser mouse sensor for wireless applications
14-Mar-2007
logo
Pixart Imaging Inc.
PAW3203DI PIXART-PAW3203DI Datasheet
275Kb / 14P
WIRELESS OPTICAL MOUSE SINGLE CHIP
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
Single Chip USB Optical Mouse Sensor
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
USB OPTICAL MOUSE SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com