Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9993CS Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI9993CS
Description  12-V VCM/Spindle Motor Driver for Large Capacity HDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9993CS Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI9993CS Datasheet HTML 6Page - Vishay Siliconix SI9993CS Datasheet HTML 7Page - Vishay Siliconix SI9993CS Datasheet HTML 8Page - Vishay Siliconix SI9993CS Datasheet HTML 9Page - Vishay Siliconix SI9993CS Datasheet HTML 10Page - Vishay Siliconix SI9993CS Datasheet HTML 11Page - Vishay Siliconix SI9993CS Datasheet HTML 12Page - Vishay Siliconix SI9993CS Datasheet HTML 13Page - Vishay Siliconix SI9993CS Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Si9993CS
Vishay Siliconix
S-60752–Rev. A, 05-Apr-99
FaxBack 408-970-5600, request 70653
10
www.siliconix.com
FUNCTIONAL DESCRIPTION
Voice Coil Motor Driver
The VCM driver provides all necessary control functions, for a
linear transconductance stage, including a motor current
sense amplifier, a loop compensation amplifier and a 3-A
power amplifier featuring two Si9942’s (external) in a full
H-bridge configuration. The output half-bridge operates in the
Class B mode during seeking. The track following mode is
primarily a function of an onboard class AB bipolar driver. The
output crossover distortion is kept to a minimum by the
combined BiCMOS driver. Two external components (R3 and
C3)
are
required
to
set
the
bandwidth
of
the
full
transconductance stage. For greater flexibility in interfacing to
the external D/A converter, a DAC reference, an input level
shifting amplifier and gain select are included. To minimize
power dissipation of the power stage during the seek
operation, the VCM driver may also be re-configured (via Bit
D3/2 of REG0, see Table 2) into a constant frequency
Pulse-Width-Modulated (PWM) driver. No additional external
components are required for this useful option. The head
retract circuitry can be activated by an undervoltage condition,
an external command via serial port, or direct control via the
RESETVCM pin. The retract voltage clamp is programmable
from 0.4 to 1.2 V.
External VCM DAC Operation
The VCM driver of the Si9993CS is designed to interface to an
external DAC with an output range from 0.1 V to 4.5 V and
uses the internal 2.3 V as the mid-point reference (signal
common). Therefore, a differential input of up to ±2.2 V may
be accepted. Depending on the type of DAC chosen, either
VREF/2 (+2.3 V) or VREF (+5.0 V) can be used as the DAC
reference. The inaccuracy of the mid-point reference may be
eliminated through calibration by disabling the VCM driver
[D7/D6 (REG0) = 00 or 01] and digitizing the VCM current
sense output (IVCMS). The digitized value is to be stored in
the ASIC or DSP as the VCM current zero scale correction
factor. A differential level shift amplifier has been added
between the internal 12-V current sense amplifier and the
IVCMS pin such that an external ADC operating from a 5-V
power supply may be used directly.
Spindle Motor Driver
The spindle driver powers a three-phase brushless dc motor
in open drive configuration and utilizing a Hall sensor-less
commutation technique. To minimize power stress on the
three Si9942 (external) half-bridges, the driver operates in full
time, constant off-time or variable frequency, PWM current
mode. A proprietary BEMF sensing technique, consisting of a
filter and a programmable EMF zero crossing comparator and
an intelligent commutation delay generator, is used to derive
the proper commutation zero crossing in the presence of
severe PWM noise. The start-up of the motor is initiated by
the microprocessor through the STEPCLK and ENCOM pins.
This arrangement allows the user to tailor a start-up algorithm
for any given drive. As shown in Table 2, the microprocessor
may strobe the STEPCLK pin to force a new motor state
sequentially. Multiple clocking will allow any undesired state to
be bypassed. At an empirically determined time, the internal
commutation clock generation loop may be closed by forcing
ENCOM
high.
For
complete
interfacing
to
the
microprocessor’s PWM DAC, a level shifting amplifier,
accepting a wide input range (via D5/D4 or REG5), is also
included on chip. To minimize acoustic or EMI noise, the slew
rate of the output drivers (via HSA/B/C and LSA/B/C) may be
programmed by an external resistor connected through the
SRADJ pin. Additional software slew rate controls are
available through D2/D1 of REG4.
The speed control signal from the external micro or DSP is fed
to the output PWM modulator via an external DAC and the
onboard buffer/level shifter. The interface is designed to work
with either PWM or linear DAC. Should a PWM DAC be
chosen, a stand-alone digital buffer is available to level shift
the 5-V signal from the PWM timer (referred to VDD) to a
supply independent signal (referred to VREF), before it is fed to
the external RC low pass filter.
Adaptive Commutation Delay Operation1
Inside the spindle controller of Si9993CS, the desired
30 electrical degrees (or 90 degrees for a single phase) of
commutation delay is generated by sensing the motor
back-emf zero crossing at the unenergized winding with a
current-controlled transconductance amplifier and charging
an internal capacitor to be programmable threshold with the
output current of the amplifier. The delay time generated is
proportional to the speed of the motor because the charging
current is derived from a motor frequency to current converter.
This proprietary analog timing generator, combined with the
external low-pass filter (three 200-k
Ω resistors), provide
excellent immunity to the highly unstable PWM noise. The
resulting motor once-around jitter time is comparable to that of
a linear drive system. Furthermore, the highly integrated
nature of the design has eliminated all external capacitors,
representing a significant savings in cost and board space.
For maximum flexibility, D2/D1 of REG5 may be used to
program the frequency to current converter filter bandwidth.
For very high performance drive, D7/D2 or REG3 programs
the commutation delay threshold in both negative (phase
advance up to 23.5
°) and positive (phase delay up to 7.5°)
directions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com