Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9993CS Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SI9993CS
Description  12-V VCM/Spindle Motor Driver for Large Capacity HDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9993CS Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI9993CS Datasheet HTML 7Page - Vishay Siliconix SI9993CS Datasheet HTML 8Page - Vishay Siliconix SI9993CS Datasheet HTML 9Page - Vishay Siliconix SI9993CS Datasheet HTML 10Page - Vishay Siliconix SI9993CS Datasheet HTML 11Page - Vishay Siliconix SI9993CS Datasheet HTML 12Page - Vishay Siliconix SI9993CS Datasheet HTML 13Page - Vishay Siliconix SI9993CS Datasheet HTML 14Page - Vishay Siliconix SI9993CS Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Si9993CS
Vishay Siliconix
FaxBack 408-970-5600, request 70653
S-60752–Rev. A, 05-Apr-99
www.siliconix.com
11
TABLE 1. Spindle Commutation Sequence
Quiet Commutation Operation1
Included on the Si9993CS spindle driver is a unique feedback
circuit which was developed to control the supply current
during the current transfer from one phase of the winding to
another. At the proper time of commutation, the ramping down
of the previous phase is regulated to match with the ramping
up of the next phase, which is fully on initially, until all current
has been transferred to the next phase. This not only reduced
the constraint on power supply requirements but also
eliminated annoying high frequency audible noises generated
from second and third harmonics of the commutation
frequency. The “quiet commutation” operation is a function of
PWM off-time and slew rate control. D7/D4 of REG4 may be
used to optimize the circuit performance accordingly.
System Manager
The
system
manager
includes
power
supply
monitor,
power-on reset timer, individual motor on/off control, system
reference generator and a variety of digital delay timers
targeted for PWM and head retract functions. An external
5-MHz system clock is used mainly for the spindle motor
PWM timing functions. An onboard RC oscillator is used to
generate the timing necessary for the emergency motor
shutdown sequence. When a tight microprocessor power
supply is specified, a pair of external resistors may be used to
adjust the VDD undervoltage lockout value via UVADJ pin.
Finally, an external capacitor is used to set up the 500-ms
power-on reset pulse for the entire drive electronics. All
controls from the microprocessor or DSP are communicated
via a 16-bit serial port.
Serial Port
A 16-bit word, clocked into the serial interface port of the
Si9993CS, provides the means to program basic operating
conditions, control the motor configuration and to force testing
conditions suitable under the production environment. The
serial port is controlled by three signals IPDATA, IPCLK, and
IPENABLE. The IPDATA signal is the bidirectional data line,
the IPCLK signal is used as the clock to validate the data and
IPENABLE enables serial port operation. This serial port can
be used with the Intel 80C196, AMD 186 processors or other
synchronous serial interfaces.
The serial port allows transfer of a R/W mode bit, seven bits of
register address, and eight bits of data. The port is inactive
when the IPENABLE line is low, and IPCLK must be high.
When IPENABLE is high, the port is active and IPDATA is
strobed on the rising edge of IPCLK. The first bit transferred
on the IPDATA line to the Si9993CS is the R/W mode bit. As
shown in Figure 1, a R/W mode bit of ‘1’ indicates that the
data shall be read from the Si9993CS. Otherwise, the data
shall be written to the Si9993CS as shown in Figure 2. The
next seven bits are the register address. After the transfer of
the address, IPCLK must not switch for a minimum of 70 ns to
allow the IPDATA line to turn around in case of a read
operation. After this pause, one byte of data is transferred to
or from the Si9993CS based on the R/W mode bit. Both the
address and the data are transferred with the LSB first and the
MSB last. IPENABLE must be lowered to deactivate the port
before the next byte can be transferred. Note that Si9993CS’s
six command registers are NOT decoded by unique binary
address. Each register is identified by a specific address bit.
(i.e. an address of 111111 will access all six registers). The
address and function of each command register and the
definition of each bit within the register are shown in Table 2.
Note that unused, or open, bits are handled differently.
For write operation, the unused bits may be either 0 or 1.
For read operation, the first bit to appear at the serial port
is the least significant used bit of the register being read.
Data appearing after the last valid bit should be ignored.
As an example, the data readout sequence for REG1 in
time is D2--D3--D4--D5--D6--D7--X--X.
Emergency Motor Shutdown Sequence
The Si9993CS executes a motor shutdown sequence
whenever a valid low supply condition is detected (i.e. POR
going from High to Low). The circuitry which controls events
within this emergency sequence is powered by spindle
motor’s kinetic energy (BEMF) via the VCLAMP pin. The
critical timing for various events is to be provided by an
onboard RC oscillator and digital counters. The timer’s value
must be programmed by the external microprocessor after the
IC is first powered up. Note that a similar “normal” (nominal
supply) motor shutdown may be invoked by setting D7/D6 of
Sequencer State
HSA
LSA
HSB
LSB
HSC
LSC
Reset*
High
Low
High
Low
High
Low
1
Low
Low
High
High
High
Low
2
Low
Low
High
Low
High
High
3
High
Low
Low
Low
High
High
4
High
High
Low
Low
High
Low
5
High
High
High
Low
Low
Low
6
High
Low
High
High
Low
Low
*Reset is the state after exiting spindle disable or brake mode.
1. Patent Applications Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com