Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9993CS Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SI9993CS
Description  12-V VCM/Spindle Motor Driver for Large Capacity HDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9993CS Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SI9993CS Datasheet HTML 8Page - Vishay Siliconix SI9993CS Datasheet HTML 9Page - Vishay Siliconix SI9993CS Datasheet HTML 10Page - Vishay Siliconix SI9993CS Datasheet HTML 11Page - Vishay Siliconix SI9993CS Datasheet HTML 12Page - Vishay Siliconix SI9993CS Datasheet HTML 13Page - Vishay Siliconix SI9993CS Datasheet HTML 14Page - Vishay Siliconix SI9993CS Datasheet HTML 15Page - Vishay Siliconix SI9993CS Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Si9993CS
Vishay Siliconix
S-60752–Rev. A, 05-Apr-99
FaxBack 408-970-5600, request 70653
12
www.siliconix.com
REG5 (Spindle Command) to “00” state. Individual motor
shutdown operation is also possible through the serial port.
Refer to Table 2 for a complete description.
Immediately after detection of the undervoltage condition, all
spindle drivers are turned off while the VCM’s low-side drivers
are turned on to stop the head from any previous movement.
Additionally, all command resistors, except REG1, are reset.
After a time delay, programmed by D5/D4 of REG1, the VCM’s
retract circuitry is turned on. The spindle drivers remained off.
The head is retracted toward the inside diameter of the disk,
or (VCM+ - VCM-) is positive. The voltage clamp across the
VCM, or the maximum head velocity, is limited by the stored
value in D7/D6 of REG1. No programmable current clamp is
available on Si9993CS. The minimum short-circuited VCM
retract current is 120 mA. Refer to Figure 3 for a simplified
schematic.
The head retract time interval, or spindle brake delay time, is
programmed via bit D3/D2 of REG1. After the time-out, the
VCM drivers are turned off (tri-state) and all bits of REG1
except D1/D0 are reset. The state of the spindle motor
low-side drivers are determined by D1/D0) of REG1.
Depending on the motor and the number of disk platters, a
spindle brake at high speed (BEMF voltage of 6 V or higher)
may result in a high amount of energy dissipation in the
LITTLE FOOT drivers. One solution to this problem is to use a
ultra-low rDS(on) LITTLE FOOT device, such as Si4544, should
the dissipation limit of the Si9942 be exceeded. In which case,
D1/D0 or REG1 should be programmed for immediate brake.
A lower cost solution, when feasible, is to allow the motor to
spin down to a lower rpm before the low-side drivers are
turned on to brake the motor. In such case, the motor speed
threshold, which is sensed by measuring the motor BEMF via
VCLAMP voltage, is programmed using D1/D0 of REG1.
(Figure 4 shows a 3-V threshold being selected.) Also, as
shown in Figure 4, once the spindle brake is on, an external
pre-charged capacitor connected to the VTEST pin will be
switched on to maintain the gate drive to the LITTLE FOOT
drivers, even if VCLAMP drops down to zero.
FIGURE 3. Simplified Retract Circuit
FIGURE 4. Simplified Spindle Brake Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com