Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9993CS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9993CS
Description  12-V VCM/Spindle Motor Driver for Large Capacity HDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9993CS Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9993CS Datasheet HTML 1Page - Vishay Siliconix SI9993CS Datasheet HTML 2Page - Vishay Siliconix SI9993CS Datasheet HTML 3Page - Vishay Siliconix SI9993CS Datasheet HTML 4Page - Vishay Siliconix SI9993CS Datasheet HTML 5Page - Vishay Siliconix SI9993CS Datasheet HTML 6Page - Vishay Siliconix SI9993CS Datasheet HTML 7Page - Vishay Siliconix SI9993CS Datasheet HTML 8Page - Vishay Siliconix SI9993CS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Si9993CS
Vishay Siliconix
FaxBack 408-970-5600, request 70653
S-60752–Rev. A, 05-Apr-99
www.siliconix.com
5
Spindle Motor Driver
Transconductance
GMSPIN
(Start-Up)
IMOTOR = 1 A, D5D4(REG5) = 11
1.44
1.60
1.76
A/V
Spindle Driver Input Offset
Voltage
V(SPDACIN)
IMOTOR = 0 A, D5D4(REG5) = 11
40
mV
Current Sense Comparator
Input Bias Current
IB(C/S)
2
µA
PWM Constant Off-Time
Stability
D3/D2(REG5) = 01
3.2
3.4
µs
Spindle Driver Input Bias
Current
IB(L/S)
50
nA
BEMF Detect Input Offset
Voltage
-20
20
mV
BEMF Detect CM Input Range
2.5
VCLAMP -
2
V
Power-Down Spindle Motor
Break Threshold
Measured at VCLAMP, D1D0(REG1) = 11
2.4
3.0
3.6
PWM Pre-Driver for LITTLE FOOT® (Spindle Motor)
SRADJ Voltage
VSRADJ
ISRADJ = -50 µA
1.0
V
HSA/B/C Output
High Current (OFF)
IOH(HS)
D2/D1(REF4) = 11
mA
VOUT = VCLAMP - 0.4 V
-1.6
VOUT = VCLAMP - 3 V, Slew Controlled Range
-1.6
VOUT = VCLAMP - 10V
-24
D2/D1(REF4) = 00
VOUT = VCLAMP - 3 V
-13
HSA/B/C Output
Low Current (ON)
IOL(HS)
D2/D1(REF4) = 11
VOUT = VCLAMP - 3 V, Slew Controlled Range
1.4
D2/D1(REF4) = 00
VOUT = 3 V
19
LSA/B/C Output
Low Current (OFF)
IOL(LS)
D2/D1(REF4) = 11
VOUT = 0.4 V
1.9
VOUT = 3 V, Slew Controlled Range
1.7
VOUT = 10V
5.0
D2/D1(REF4) = 00
VOUT = 3 V
13
LSA/B/C Output
High Current (ON)
IOH(LS)
D2/D1(REF4) = 11
VOUT = 3 V, Slew Controlled Range
-1.1
D2/D1(REF4) = 00
VOUT = 3 V
-7
SENA/B/D and VCM ± Clamp
Diode Voltage
VCL
Measured at IF = 20 mA and IF = -20 mA
0.5
V
SPECIFICATIONS
Operating Conditions:
VCC = VMOT = 12 V ±10%, VDD = 5 V ±10%, VREF(IN) = VREF(OUT), RSS = RSV = 0.2 Ω ±1%,
RSRADJ = 20 kΩ ±1%, Si9942-Si9430 LITTLE FOOT Driver, FSYSCLK = 5 MHz, TA = 0 to 70°C
Parameter
Symbol
Specific Test Conditions
Limits
Unit
Mina
Typb
Maxa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com