Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9993CS Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SI9993CS
Description  12-V VCM/Spindle Motor Driver for Large Capacity HDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9993CS Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SI9993CS Datasheet HTML 8Page - Vishay Siliconix SI9993CS Datasheet HTML 9Page - Vishay Siliconix SI9993CS Datasheet HTML 10Page - Vishay Siliconix SI9993CS Datasheet HTML 11Page - Vishay Siliconix SI9993CS Datasheet HTML 12Page - Vishay Siliconix SI9993CS Datasheet HTML 13Page - Vishay Siliconix SI9993CS Datasheet HTML 14Page - Vishay Siliconix SI9993CS Datasheet HTML 15Page - Vishay Siliconix SI9993CS Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Si9993CS
Vishay Siliconix
FaxBack 408-970-5600, request 70653
S-60752–Rev. A, 05-Apr-99
www.siliconix.com
13
Power-Up Sequence
The POR timer receives the two supply undervoltage
detection outputs and combines them to form one output
called PowerFailure. If PowerFailure is low, the POR output
will remain low. After the power supplies are deemed safe,
PowerFailure goes high and the timer is turned on which holds
the POR output low for an additional 500 ms. If PowerFailure
goes back low while the timer is active, the POR output must
remain low and the timer must reset and wait for PowerFailure
to go back high before starting again.
The POR output must drop low within 1
µs from when a power
failure is detected. Once the POR output drops low, the timer
must also reset. If the PowerFailure output drops low for less
than 600 ns, then the power failure is ignored and the POR
output remains high and the timer is not reset. The POR
output cannot glitch at anytime. If a power failure is detected,
then the POR output must stay low for a minimum of 350 ms.
A minimum of 1 V of hysteresis exists at the POR comparator
which monitors the timer ramp voltage.
Recommended Parameter Setting Hardware Values and
Register Contents
Spindle
In order to perform some applications testing, some of the
registers should be preloaded and certain hardware values
installed. These are for a first approximation on an average
spindle motor and should be adjusted for the particular motor
and parameters that will be used.
All registers will default to 0 at power-up. The following
register value exceptions should be loaded for an average
motor load.
For start-up:
REG3 D7
→D0 = 00000011; 8° Phase Advance, 13-µS PWM
Off-Time
REG4 D7
→D0 = 00000000; 1.4-µS On-Time Blanking, 7/8
Off-Time, Slew Rate Off, Q-COM Off
REG5 D2
→D0 = 000; 400-ns F/I Sample Time, F/I Speed-Up
On
After reaching speed:
REG3 D7
→D0 = 00000001; 8° Phase Advance, 3.4-µS PWM
Off-Time
REG4 D7
→D0 = 00000111; 1.4-µS On-Time Blanking, 7/8
Off-Time, Slew Rate On, Q-COM On
REG5 D2
→D0 = 110; 40-ns F/I Sample Time, F/I Speed-Up
On
Hardware values:
Resistor from SRADJ to Ground = 20 k
Ω for approximately
1-
µS Slew Rate
Capacitor from VREF(in) to Ground = 1 µF
VCM
The Si9993CS contains a transconductance amplifier to drive
the voice coil motor (VCM). For proper operation, this
amplifier must be compensated specifically for the VCM being
driven. As a first approximation, the torque constant and
inertia of the VCM may be ignored although they will have
some influence on the final results, especially if large.
The VCM transfer function of this simplified case may be
expressed in the s (Laplace) plane as:
Where
Rv = VCM resistance in ohms
LV = VCM inductance in henrys
s is the Laplace operator
This has a pole at -Rv/Lv. It is desirable to cancel this pole in
the interest of stability. In order to do this, a compensation
amplifier is cascaded with the VCM and its driver. The transfer
function of this amplifier is:
Where
RL = compensation amplifier feedback resistor in ohms
CL = compensation amplifier feedback capacitor in farads
A = compensation amplifier and driver voltage gain at high frequency
If RL x CL is set equal to Lv/Rv, then the combined open loop
transconductance in siemens becomes:
Use these values as the series combination from COMP1 to
COMP2. The absolute values should be adjusted for the
desired open loop gain and closed loop bandwidth desired.
This has a single pole at the origin and is therefore stable
when the loop is closed.
g
v
1
L
v
-----
s
R
v
L
v
------
+
----------------
=
(1)
H
c
A
s
1
R
L
C
L
+
--------------------
+


s
-----------------------------------
×
=
(2)
g
to
A
sL
v
×
---------------
=
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com