Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9993CS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9993CS
Description  12-V VCM/Spindle Motor Driver for Large Capacity HDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9993CS Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9993CS Datasheet HTML 1Page - Vishay Siliconix SI9993CS Datasheet HTML 2Page - Vishay Siliconix SI9993CS Datasheet HTML 3Page - Vishay Siliconix SI9993CS Datasheet HTML 4Page - Vishay Siliconix SI9993CS Datasheet HTML 5Page - Vishay Siliconix SI9993CS Datasheet HTML 6Page - Vishay Siliconix SI9993CS Datasheet HTML 7Page - Vishay Siliconix SI9993CS Datasheet HTML 8Page - Vishay Siliconix SI9993CS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Si9993CS
Vishay Siliconix
FaxBack 408-970-5600, request 70653
S-60752–Rev. A, 05-Apr-99
www.siliconix.com
3
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)*
Voltage Referenced to GND Pin
VDD Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to 7 V
VCLAMP Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . .> (VCC - 0.3 V
and > (VDD - 0.3 V) to 14 V
VCC, VMOT Supply Range . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to 14 V
AGND, DGND, PWRGND to GND . . . . . . . . . . . . . . . . . . -0.3 to 0.3 V
SENA, SENB, SENC, CT, VCM+, VCM-Pin . . . . . -1.0 to VCC + 1.0 V
POR, FCOM, STEPCLK, ENCOM, SYSCLK, PWMIN,
PWMOUT, RESETVCM, IPCLK, IPDATA
and IPENABLE pins . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VDD + 0.3 V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VCC + 0.3 V
Maximum Current (All Input Pins) . . . . . . . . . . . . . . . . . . . . . . ±20 mA
Storage Temperature (Tstg) . . . . . . . . . . . . . . . . . . . . . . . -65 to 150°C
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . .0 to 70°C
Junction Temperature (TJ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 W
Thermal Impedance (
Θ
JA) . . . . . . . . . . . . . . . . . . . . . . . . . . 6.25°C/W
* Exposure to Absolute Maximum rating conditions for extended periods may affect device reliability. Stresses above Absolute Maximum rating may cause
permanent damage. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be
applied at any one time. Device mounted on one-inch square FR4 Board.
SPECIFICATIONS
Operating Conditions:
VCC = VMOT = 12 V ±10%, VDD = 5 V ±10%, VREF(IN) = VREF(OUT), RSS = RSV = 0.2 Ω ±1%,
RSRADJ = 20 kΩ ±1%, Si9942-Si9430 LITTLE FOOT Driver, FSYSCLK = 5 MHz, TA = 0 to 70°C
Parameter
Symbol
Specific Test Conditions
Limits
Unit
Mina
Typb
Maxa
Power Supply
Supply Current
IDD
Normal Operation, Serial Port Idle
0.2
1.2
mA
D7D6(REG0/5) = 00, All Clocks Disabled
0.02
0.1
ICC + IMOT +
ICLAMP
Normal Operation
No Load at VREF(OUT)
With VCM Load
40
65
Without VCM Load
25
40
D7D6(REG0/5) = 00, All Clocks Disabled
4
6
Control Logic
Low Input Current
IIL
VIN = 0 V
-1
µA
High Input Current
IIH
VIN = VDD
1
Low Input Voltage
(All Digital Inputs)
VIL
0.8
V
High Input Voltage
(All Digital Inputs)
VIH
2.0
Low Output Voltage (POR)VOL
IOUT = 4 mA
0.4
High Output Voltage (POR)VOH
IOUT = -4 mA
4.1
Low Output Voltage
(FCOM, PWMOUT)
VOL
IOUT = 2 mA
0.4
High Output Voltage
(FCOM, PWMOUT)
VOH
IOUT = -2 mA
4.1
IPDATA Setup Time to Rising
IPCLK Edge
t1
See Timing Diagram, Figures 1 and 2.
15
ns
Rising IPCLK Edge to IPDATA
Hold Time
t2
15
IPDATA Clock Cycle Time
t3
100
IPDATA Hold for IPDATA Driver
Turnaround
t4
70
IPCLK High and Low Time
t5
45
IPDATA Propagation Delay
WRT IPCLK Falling Edge
t6
100
IPENABLE Setup Time WRT
IPCLK Rising Edge
t7
100
IPENABLE Hold Time WRT
IPCLK Rising Edge
t8
20
WRT IPCLK Falling Edge to
Data Tri-State
t9
See Timing Diagram, Figures 1 and 2.
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com