Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9993CS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9993CS
Description  12-V VCM/Spindle Motor Driver for Large Capacity HDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9993CS Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9993CS Datasheet HTML 1Page - Vishay Siliconix SI9993CS Datasheet HTML 2Page - Vishay Siliconix SI9993CS Datasheet HTML 3Page - Vishay Siliconix SI9993CS Datasheet HTML 4Page - Vishay Siliconix SI9993CS Datasheet HTML 5Page - Vishay Siliconix SI9993CS Datasheet HTML 6Page - Vishay Siliconix SI9993CS Datasheet HTML 7Page - Vishay Siliconix SI9993CS Datasheet HTML 8Page - Vishay Siliconix SI9993CS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Si9993CS
Vishay Siliconix
S-60752–Rev. A, 05-Apr-99
FaxBack 408-970-5600, request 70653
4
www.siliconix.com
System Manager
VDD Undervoltage Detection
Threshold (High-to-Low)
UVADJ Unconnected
4.500
4.625
4.750
V
VDD Hysteresis
0.05
VCC Undervoltage Detection
Threshold (High-to-Low)
8.5
9.25
10.0
VCC Hysteresis
0.2
POR Time-out
tPOR
PORCAP = 0.5 µF
350
500
650
ms
Delay Time from PWR Failure
to POR Active
tPOR
0.8
1.0
µS
POR Charging Current
IPOR
2µA
POR Comparator Hysteresis
1.0
V
Adjustable Internal Spindle
Brake Delay Time
tspindly
VCLAMP = 3.0 to 13.2 V
VDD = VCC = 0 V
D3D2(REG1) = 01
192
ms
Internal VCM Retract Delay
Time
tvcmdly
D5D4(REG1) = 01
8
VTEST Leakage
IVTEST
VCLAMP = 3.0 V, VDD = VCC = 0 V
VTEST = 10 V
1µA
5-V Reference Initial Power-On
Tolerance
VREF
VREF(IN) = VREF(OUT) (Internal Reference)
IOUT = 20 mA to -2 mA
4.75
5.00
5.25
V
5-V Reference Drift from Initial
Power-On Tolerance
-1.5
1.5
%
VCM Driver
Transconductance
GmVCM
IMOTOR = 1 A, D5D4(REG0) = 11
1.52
1.60
1.68
A/V
Output Offset Current
IOS
D5D4(REG0) = 11
-25
0
25
mA
DAC Reference Output
VREF/2
RLOAD = 100 kΩ
2.09
2.2
2.31
V
VCMDACIN Input Range
+VCMDACIN or -VCMDACIN to GND
0.1
5.0
VCMDACIN Input Bias Current
Ib(L/S)
50
nA
Feedback Resistance
RFB
Internal Resistor from IVCMS to COMP1
12
k
Ω
3-dB Bandwidth
L/S, I/S and Comp Amp
1.0
MHz
Class B Power Amp
0.4
CMRR of Current Sense
Amplifier
CM Input = 0 to VCC
70
dB
Head Retract Voltage Clamp
IMOTOR = 60 mA, D7D6(REG1) = 00
0.32
0.4
0.48
V
Short Circuit Head Retract
Current
120
180
mA
Current Sense Amplifier Zero
Output Voltage
V(IVCMS)
IMOTOR = 0
D7D6(REG0) = 00, D7D6(REG5) = 11
IMOTOR = 0
D7D6(REG0) = 00, D7D6(REG5) = 11
2.32
2.5
2.68
V
Current Sense Amplifier
Output Gain Ratio
V(IVCMS)/
V(RSV)
dc Gain
2.67
V/V
SPECIFICATIONS
Operating Conditions:
VCC = VMOT = 12 V ±10%, VDD = 5 V ±10%, VREF(IN) = VREF(OUT), RSS = RSV = 0.2 Ω ±1%,
RSRADJ = 20 kΩ ±1%, Si9942-Si9430 LITTLE FOOT Driver, FSYSCLK = 5 MHz, TA = 0 to 70°C
Parameter
Symbol
Specific Test Conditions
Limits
Unit
Mina
Typb
Maxa
∆V
REF
V
REF
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com