Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9853AFV Datasheet(PDF) 10 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 10 Page - Rohm

Back Button BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm BD9853AFV Datasheet HTML 10Page - Rohm BD9853AFV Datasheet HTML 11Page - Rohm BD9853AFV Datasheet HTML 12Page - Rohm BD9853AFV Datasheet HTML 13Page - Rohm BD9853AFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BD9853AFV
Technical Note
10/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Selecting the synchronous diode
An extremely low forward voltage Schottky barrier diode should be employed as the synchronous diode.
Selection of the specific diode to be used should be made in conformance with the following relative configurations for
maximum forward current, reverse voltage and diode power dissipation.
・
The maximum current rating is higher than the combined maximum load current and coil ripple current (⊿IL).
・
The reverse voltage rating is higher than the VIN value.
・
Power dissipation for the selected diode must be within the rated level.
Synchronous diode power dissipation (Pdi) is expressed in the following formula:
Pdi=Iout(MAX)×tdt×fosc×Vf
Iout(MAX) : maximum load current, tdt: dead time 60ns typ,fosc : oscillation frequency, Vf:forward voltage
Selecting the output/input coil
The output coil and the output capacitor together form a second-order smoothing filter for the switch waveform and provide
the DC output voltage.
If a coil’s inductor value is low, its physical size is minimized, but the penalty is higher ripple current, with lowered efficiency
and an increase in output noise. Conversely, a higher inductor value increases the size of the coil, but lowers the ripple
current and, consequently. the output ripple current.
Generally speaking, ripple current should be between 20% and 50% of output load current. The following equation is used
to calculate the inductor value that corresponds to the ripple current value being employed.
L:inductor value, VIN:maximum input voltage, VOUT:output voltage, ⊿IL:coil ripple current value
fosc:oscillation frequency, IOUT:output load current
Note that the current rating for the coil should be higher than IOUT(MAX)+⊿IL.
Selecting the input capacitor
The input capacitor is the source of current that flows to the coil via the FET whenever the high side MOSFET is ON. In
selecting an input capacitor, sufficient margin must be provided to accommodate capacitor pressure and the permissible
ripple current.
The expression below defines the effective value of the ripple current to the input capacitor. It should be used in
determining the suitability of the capacitor in providing sufficient margin for the permissible ripple current.
IRMS : effective value of the ripple current to the input capacitor
IOUT : output load current
Selecting the output capacitor
The output capacitor should confine ESR and permissible ripple current within a stable region.
Although incorporating a low-ESR capacitor will limit ripple voltage and load fluctuation, it can also hurt the stability of the
feedback network. Therefore, in order to maintain a stable feedback loop when ceramic or other low-ESR capacitors are
employed, special attention must be paid to providing an appropriate phase compensation scheme.
A suitable output capacitor will satisfy the following formula for ESR.
ESR≦⊿VL/⊿IL
⊿
VL : permissible ripple voltage, ⊿IL : coil ripple current
In addition, use the following formula to determine the effective value of the output capacitance permissible ripple current,
and select a capacitor that allows sufficient margin to accommodate this value.
IRMS =⊿IL/2√3
IRMS : effective value of ripple current to the output condenser, ⊿IL : coil ripple current
Setting the soft start time
To prevent output voltage startup overshoot on either channel, the capacitors connected to the SCP/SOFT 1, 2 pins – in a
discharged state at power-on – are gradually charged during a delay interval, thus providing a soft start. The soft start
period is the time from when the standby pins go from LOW to HIGH, starting the charge, to the time that the output
voltage reaches the programmed setting. The soft start time is calculated in the following equation:
tsoft : soft start time, Cscp/soft : SCP/SOFT pin connection capacitance, Isosoft : charge current
L=
⊿
IL
(VIN-VOUT)
VOUT
VIN
fOSC
1
××
,
⊿
IL
=
(0.2 to 0.5)×IOUT
IRMS=IOUT×√ (1-VOUT/VIN)×VOUT/VIN
tsoft=
Isosoft (typ: 2.3μA)[A]
0.8[V] (typ)×Cscp/soft[F]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com