Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9853AFV Datasheet(PDF) 6 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 6 Page - Rohm

Back Button BD9853AFV Datasheet HTML 2Page - Rohm BD9853AFV Datasheet HTML 3Page - Rohm BD9853AFV Datasheet HTML 4Page - Rohm BD9853AFV Datasheet HTML 5Page - Rohm BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm BD9853AFV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BD9853AFV
Technical Note
6/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Pin Configuration
Fig. 10
●
Pin Description
Pin Number
Pin Name
Pin Descriptions
1
VCC
Input Supply Voltage
2
OUT1H
High Side (Main) FET Driver Output Pin (CH1)
3
OUT1L
Low Side (Synchronous) FET Driver Output Pin (CH1)
4
REGA
Internal Regulator Output Pin (5V Output, 1uF Ceramic Capacitor necessary)
5
RT
Oscillator Frequency Adjustment Pin with external Resistor
6
FB1
Error Amplifier Output Pin (CH1)
7
INV1
Error Amplifer Negative Input Pin (CH1)
8
SCP/SOFT1
Short Circuit Protection・Soft Start Delay Time Setting Pin with External Capacitor (CH1)
9
SCP/SOFT2
Short Circuit Protection・Soft Start Delay Time Setting Pin with External Capacitor (CH2)
10
INV2
Error Amplifer Negative Input Pin (CH2)
11
FB2
Error Amplifier Output Pin (CH2)
12
GND
Ground Pin
13
STB
ON/OFF Control Pin
14
OUT2L
Low Side (Synchronous) FET Driver Output Pin (CH2)
15
OUT2H
High Side (Main) FET Driver Output Pin (CH2)
16
REGB
Internal Regulator Output Pin (VCC-5V Output, 1uF Ceramic Capacitor necessary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com