Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9853AFV Datasheet(PDF) 5 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 5 Page - Rohm

  BD9853AFV Datasheet HTML 1Page - Rohm BD9853AFV Datasheet HTML 2Page - Rohm BD9853AFV Datasheet HTML 3Page - Rohm BD9853AFV Datasheet HTML 4Page - Rohm BD9853AFV Datasheet HTML 5Page - Rohm BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
BD9853AFV
Technical Note
5/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Block Diagram
VCC
VCC
REGA
FB1
VOUT1
INV1
SCP/SOFT1
FB2
INV2
VOUT2
RT
OSC
STB
ON/OFF
Timer
Latch
GND
OUT1H
0.8V
SCP/SOFT2
0.8V
0.56V
both channel
VCC
⊿ t
⊿ t
VOUT1
VCC
Pch
Nch
VOUT2
VCC
Pch
Nch
VCC
OUT1L
OUT2H
OUT2L
GND
GND
REGB
TSD
VREF
REGA
REGB
REGB
REGA
REGB
REGA
SOFT1
SOFT2
5V
VCC-5V
VCC
(Push-Pull)
(Push-Pull)
Fig. 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com