Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9853AFV Datasheet(PDF) 1 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 1 Page - Rohm

  BD9853AFV Datasheet HTML 1Page - Rohm BD9853AFV Datasheet HTML 2Page - Rohm BD9853AFV Datasheet HTML 3Page - Rohm BD9853AFV Datasheet HTML 4Page - Rohm BD9853AFV Datasheet HTML 5Page - Rohm BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Large Current External FET Controller Type Switching Regulators
Single/Dual-output High-frequency
Step-downSwitchingRegulator(Controllertype)
BD9853AFV
●
Description
The BD9853AFV is a 2-ch synchronous DC/DC controller that can operate at a maximum switching frequency of 2MHz,
enabling the use of a smaller external coil than conventional lower-frequency switching regulators. This makes the
BD9853AFV a suitable choice for downsizing applications.
●
Features
1) Synchronous Switching Regulator Controller 2channels
2) FET(Pch/Nch) Direct Drive
3) Adjustable Oscillator Frequency with External Resistor (Max. 2MHz)
4) Under Voltage Lockout Function (UVLO)
5) Thermal Shut Down Function (TSD)
6) Short Circuit Protection (SCP)
7) Independent ON/OFF Function in Each Channel with Soft Start Pin
8) SSOP-B16 Package
SSOPB16
●
Applications
TVSTB, PC, Portable CD・DVD,DVC etc.
●
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Limits
Unit
Supply Voltage (VCC-GND)
Vcc
18
V
VREGA-GND Voltage
VREGA
7
V
VCC-VREGB Voltage
VREGB
7
V
Power Dissipation
Pd
562(*1)
mW
Operating Temperature Range
Topr
-40 to +85
℃
Junction Temperature
Tjmax
+150
℃
Storage Temperature Range
Tstg
-55 to +150
℃
*
Reduced by 4.49mW for each increase in Ta of 1℃ over 25℃ (When mounted on a board 70×70×1.6tmm grass-epoxy PCB)
●
Recommended Operating Conditions
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
Supply Voltage
Vcc
4.5
12
16
V
Oscillator Frequency
fosc
100
1000
2000
KHz
No.09028EAT05


Similar Part No. - BD9853AFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9853FV ROHM-BD9853FV Datasheet
370Kb / 6P
2 Channel Switching Regulator Controller
More results

Similar Description - BD9853AFV

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9845FV ROHM-BD9845FV Datasheet
590Kb / 16P
Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9850FVM ROHM-BD9850FVM_08 Datasheet
792Kb / 17P
Single-output High-frequency Step-down Switching Regulator(Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9845FV ROHM-BD9845FV_11 Datasheet
549Kb / 16P
Single/Dual-output High-frequency Step-down Switching Regulator(Controller type)
BD9012KV ROHM-BD9012KV Datasheet
300Kb / 17P
Dual-output, high voltage, high-efficiency step-down switching controller
BD9842FVE ROHM-BD9842FVE Datasheet
1Mb / 17P
Dual-output High-frequency step-down Switching Regulator (Controller type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com