Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9853AFV Datasheet(PDF) 4 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 4 Page - Rohm

  BD9853AFV Datasheet HTML 1Page - Rohm BD9853AFV Datasheet HTML 2Page - Rohm BD9853AFV Datasheet HTML 3Page - Rohm BD9853AFV Datasheet HTML 4Page - Rohm BD9853AFV Datasheet HTML 5Page - Rohm BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BD9853AFV
Technical Note
4/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY[KHz]
0
10
20
30
40
50
60
70
80
90
100
1.31.41.51.61.71.8
1.92.02.12.22.32.42.52.6
FB VOLTAGE:VFB[V]
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4
FB VOLTAGE[V]
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4
FB VOLTAGE[V]
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
0.00.2 0.40.6 0.81.0 1.21.4 1.61.8 2.02.2 2.42.6 2.83.0 3.23.4 3.63.8 4.0
(OUTL-GND) VOLTAGE[V]
VCC=4.5V
VCC=12V,18V
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
0.00.2 0.40.60.81.0 1.21.41.6 1.82.02.2 2.42.62.8 3.0 3.23.43.6 3.8 4.0
(VCC-OUTH) VOLTAGE:[V]
VCC=12V,18V
VCC=4.5V
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
(REGB-OUTH) VOLTAGE[V]
4
VCC=4.5V
VCC=12V,18V
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
(REGA-OUTL) VOLTAGE[V]
VCC=12V,18V
VCC=4.5V
●
Characteristic Data
OUTL
OUTH
Fig.3 FB SINK CURRENT
Fig.5 OUTH SINK CURRENT
Fig.7 OUTL SINK CURRENT
Fig.1 FB VOLTAGE VS ON DUTY
Fig.2 ERROR AMP OPEN LOOP
Phase
Gain
Fig.4 FB SOURCE CURRENT
Fig.6 OUTH SOURCE CURRENT
Fig.8 OUTL SOURCE CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com