Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9853AFV Datasheet(PDF) 7 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 7 Page - Rohm

Back Button BD9853AFV Datasheet HTML 3Page - Rohm BD9853AFV Datasheet HTML 4Page - Rohm BD9853AFV Datasheet HTML 5Page - Rohm BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm BD9853AFV Datasheet HTML 10Page - Rohm BD9853AFV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD9853AFV
Technical Note
7/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Block functional descriptions
・
Triangular wave oscillator
Connecting the resistor that sets the triangular wave oscillation frequency at the RT terminal generates the triangular wave,
which is input into the CH1 and CH2 PWM comparator.
・
Error amp
The INV pin detects the output voltage, compares it to the programmed output voltage and amplifies the difference for
output by the FB pin. (The 0.8V reference is the comparison voltage. The tolerance is 1.25%.)
・
PWM comparator
The PWM comparator converts the error amp (FB) voltage into a pulse width modulated waveform that goes to the FET
driver and turns FET output ON.
・
FET driver
The push-pull FET driver directly drives the external MOSFET,providing high-side(OUT1H,OUT2H) switching at voltages
between Vcc⇔REGB, and low-side switching in the 0⇔REGA voltage range. (REGA = 5V; REGB= VCC -5V internal power)
・
Standby function
The standby function enables output ON/OFF control by the STB pin. Output is ON when STB voltage is HIGH.
With the STB pin set HIGH, the output ON/OFF for each channel can be independently controlled by one of the
SCP/SOFT1, 2 pins.
・
Soft Start/Short Circuit Protection (SCP)
Connecting the external capacitor on the SCP/SOFT1, 2 pins sets the SCP delay time and soft start time.
When STB is HIGH and the IC starts up, the capacitors on the SCP/SOFT1, 2 pins charge up at 2uA, stabilizing when the
system reaches 1.3V.
If load conditions change rapidly, causing the output voltage in either channel to fall to 70% or less of the set output voltage
(INV voltage 0.56 or lower), the SCP/SOFT1, 2 external capacitors will charge further until output for both channels
switches OFF at 2.3V.
・
Under Voltage Lockout (UVLO)
Under Voltage lockout prevents IC malfunctions that could otherwise occur due to intermittent or fluctuating power supply
voltage, or insufficient voltage during start-up.When the VCC voltage falls to 4.1V or below, both channel outputs are
turned OFF, while the SCP/SOFT1, 2 pins are simultaneously set LOW.
The UVLO detection voltage includes 0.1V hysteresis width to prevent malfunctions from input voltage fluctuations.
・
Thermal Shutdown (TSD)
The TSD circuit protects the IC against thermal runaway and heat damage.
・
The TSD thermal sensor detects junction temperature. When the temperature reaches the TSD threshold (175℃), the
circuit switches the output of both channels OFF, and also switches REGA and REGB OFF. At the same time, it sets the
SCP/SOFT1, 2 pins LOW. The hysteresis width (15℃) provided between the TSD function start temperature (threshold)
and the stop temperature serves to prevent malfunctions from temperature fluctuations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com