Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9853AFV Datasheet(PDF) 3 Page - Rohm

Part # BD9853AFV
Description  Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9853AFV Datasheet(HTML) 3 Page - Rohm

  BD9853AFV Datasheet HTML 1Page - Rohm BD9853AFV Datasheet HTML 2Page - Rohm BD9853AFV Datasheet HTML 3Page - Rohm BD9853AFV Datasheet HTML 4Page - Rohm BD9853AFV Datasheet HTML 5Page - Rohm BD9853AFV Datasheet HTML 6Page - Rohm BD9853AFV Datasheet HTML 7Page - Rohm BD9853AFV Datasheet HTML 8Page - Rohm BD9853AFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BD9853AFV
Technical Note
3/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics (Unless otherwise specified, Ta=25℃,Vcc=12V,fosc=1000kHz,STB=3V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
【
FET Driver】
On Resistance (OUT1H)
RonP
1.6
3.2
4.8
Ω
OUT=Hi
RonN
1.7
3.4
5.1
Ω
OUT=Lo
On Resistance (OUT1L)
RonP
1.6
3.2
4.8
Ω
OUT=Hi
RonN
1.7
3.4
5.1
Ω
OUT=Lo
On Resistance (OUT2H)
RonP
1.6
3.2
4.5
Ω
OUT=Hi
RonN
1.7
3.4
5.1
Ω
OUT=Lo
On Resistance (OUT2L)
RonP
1.6
3.2
4.8
Ω
OUT=Hi
RonN
1.7
3.4
5.1
Ω
OUT=Lo
Dead Time(Turn ON)
tdtON
30
70
120
ns
*OUTH,L H→L,OUTH=2200pF,OUTL=1000pF
Dead Time(Turn OFF)
tdtOFF
25
60
115
ns
*OUTH,L H→L,OUTH=2200pF,OUTL=1000pF
【
Control Block】
Threshold Voltage
Vstb
0.6
1.5
2.4
V
Sink Current
Istb
6
15
30
μA
【
Soft Start Block】
Soft Start Start-yo Voltage Vstasoft
0.2
0.3
0.4
V
Output OFF when Vscp/SOFT<Vstass
Standby Voltage
Vstsoft
-
-
40
mV
SCP/SOFT Voltage
Source Current
Isosoft
-3.2
-2.3
-1.4
μA
Vscp/SOFT=0.6V
【
Short Circuit Protection (SCP)】
Timer Start Voltage
Vtime
0.50
0.56
0.62
V
INV Voltage
Threshold Voltage
Vthscp
2.2
2.3
2.4
V
SCP/SOFT Voltage
Standby Voltage
Vstscp
1.21
1.35
1.49
V
SCP/SOFT Voltage (When soft start ends)
Source Current
Isoscp
-3.2
-2.3
-1.4
μA
SCP/SOFT=1.8V
【
Under Voltage Lockout (UVLO)】
Threshold Voltage
Vuvlo
4.0
4.15
4.30
V
Vcc sweep down
Hysteresis Voltage
DVuvlo
0.05
0.1
0.15
V
*
This product is not designed for the protection against radioactive rays.
*
Measurement of dead time
Turn ON
Turn OFF
2.5V
tdtON
OUTH
OUTL
VCC-2.5V
tdtOFF
OUTH
OUTL
VCC-2.5V
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com