Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2142ACUTR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 3 Page - Microsemi Corporation

  NX2142ACUTR Datasheet HTML 1Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 2Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 3Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 4Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 5Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 6Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 7Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NX2142/2142A
3
Rev. 1.1
10/28/07
N
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
Vin-Hysteresis
Vin_Hyst
Vin Falling
0.5
V
Oscillator (Rt)
NX2142
600
KHz
NX2142A
1000
KHz
Frequency Over Vin
1
%
Ramp Peak to Peak Voltage
VRAMP
Vin=20V
2
V
Ramp Valley Voltage
0.8
V
Ramp Peak to Peak/Vin Gain
0.1
V/V
Max Duty Cycle
FS=600kHz
77
%
Min Duty Cycle
0
%
Min Controllable on time
150
nS
Error Amplifiers
Transconductance
2500
umho
Input Bias Current
Ib
100
nA
Comp SD threshold
0.3
V
Soft Start
Soft Start time
Tss
NX2142
3.4
mS
NX2142A
2
mS
High Side Driver
(CL=3300pF)
Rise Time
THdrv(Rise)
10% to 90%
50
ns
Fall Time
THdrv(Fall)
90% to 10%
50
ns
Low Side Driver
(CL=3300pF)
Output Impedance, Sourcing
Current
Rsource(Ldrv)
I=200mA
1
ohm
Output Impedance, Sinking
Current
Rsink(Ldrv)
I=200mA
0.5
ohm
Rise Time
TLdrv(Rise)
10% to 90%
50
ns
Fall Time
TLdrv(Fall)
90% to 10%
50
ns
Fixed OCP
OCP voltage threshold
320
mV
FBUVLO
Feedback UVLO threshold
percent of nominal
70
%
Over temperature
Threshold
150
°C
Hysteresis
20
°C
ohm
Output Impedance , Sourcing
Current
Rsource(Hdrv)
I=200mA
Output Impedance , Sinking
Current
Rsink(Hdrv)
I=200mA
Tdead(L to
H)
Deadband Time
Ldrv going Low to Hdrv going
High, 10% to 10%
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv going
High, 10% to 10%
30
ns
30
ns
ohm
0.8
1
Frequency
FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com