Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2142ACUTR Datasheet(PDF) 9 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button NX2142ACUTR Datasheet HTML 5Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 6Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 7Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 9Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 10Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 11Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 12Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NX2142/2142A
9
Rev. 1.1
10/28/07
APPLICATION INFORMATION
Symbol Used In Application Information:
VIN
- Input voltage
VOUT
- Output voltage
IOUT
- Output current
DVRIPPLE - Output voltage ripple
FS
- Switching frequency
DIRIPPLE
- Inductor current ripple
Design Example
Power stage design requirements:
VINMIN=8V
VINMAX=20V
VOUT=5V
IOUT =3A
DVRIPPLE <=50mV
DVTRAN<=150mV @ 1.5A step
FS=600kHz
Output Inductor Selection
The selection of inductor value is based on in-
ductor ripple current, power rating, working frequency
and efficiency. Larger inductor value normally means
smaller ripple current. However if the inductance is
chosen too large, it brings slow response and lower
efficiency. Usually the ripple current ranges from 20%
to 40% of the output current. This is a design freedom
which can be decided by design engineer according to
various application requirements. The inductor value
can be calculated by using the following equations:
INMAX
OUT
OUT
OUT
RIPPLE
INMAXS
RIPPLE
OUTPUT
V
-VV
1
L=
I
VF
I
=kI
××
×
...(1)
where k is between 0.2 to 0.4.
Select k=0.3, then
OUT
OUT
20V-5V
5V1
L=
0.3 3A
20V
600kHz
L
=6.9uH
××
×
Choose LOUT=6.8uH, then coilcraft inductor
DO3316P-682HC is a good choice.
Current Ripple is calculated as
IN
OUT
OUT
RIPPLE
OUT
INS
V -VV
1
I=
L
VF
20V-5V
5V1
=
0.919A
6.8uH
20V
600kHz
××
×
×=
...(2)
Output Capacitor Selection
Output capacitor is basically decided by the
amount of the output voltage ripple allowed during
steady state(DC) load condition as well as specifica-
tion for the load transient. The optimum design may
require a couple of iterations to satisfy both condition.
Based on DC Load Condition
The amount of voltage ripple during the DC load
condition is determined by equation(3).
∆
∆
=
× ∆+
××
RIPPLE
RIPPLE
RIPPLE
S
OUT
I
V
ESRI
8 FC
...(3)
Where ESR is the output capacitors' equivalent
series resistance,C
OUT is the value of output capaci-
tors.
Typically when large value capacitors are selected
such as Aluminum Electrolytic,POSCAP and OSCON
types are used, the amount of the output voltage ripple
is dominated by the first term in equation(3) and the
second term can be neglected.
For this example, Aluminum Electrolytic is cho-
sen as output capacitor, the ESR and inductor current
typically determines the output voltage ripple.
RIPPLE
desire
RIPPLE
V
50mV
ESR
=
54m
I
0.919A
∆
=
=Ω
∆
...(4)
If low ESR is required, for most applications, mul-
tiple capacitors in parallel are better than a big capaci-
tor. For example, for 50mV output ripple, Electrolytic
6ME1000WG with 30m
Ω are chosen.
E
R IPPLE
R IPPLE
ES RI
N
V
×∆
=
∆
...(5)
Number of Capacitor is calculated as
30m
0.919A
N
50mV
Ω×
=
N =0.55
The number of capacitor has to be round up to a
integer. Choose N =1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com