Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2142ACUTR Datasheet(PDF) 17 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button NX2142ACUTR Datasheet HTML 10Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 11Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 12Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 13Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 14Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 15Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 16Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 17Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 18Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
NX2142/2142A
17
Rev. 1.1
10/28/07
where IOUT is output current, TSW is the sum of T
R
and T
F which can be found in mosfet datasheet, and
FS is switching frequency. Swithing loss PSW is fre-
quency dependent.
Also MOSFET gate driver loss should be consid-
ered when choosing the proper power MOSFET.
MOSFET gate driver loss is the loss generated by dis-
charg
ing the gate capacitor and is dissipated in driver
circuits.It is proportional to frequency and is defined
as:
gate
HGATE
HGS
LGATE
LGSS
P
(Q
V
Q
V
)F
=
×
+
××
...(25)
where QHGATE is the high side MOSFETs gate
charge,QLGATE is the low side MOSFETs gate
charge,VHGS
is the high side gate source voltage, and V
LGS is the
low side gate source voltage.
This power dissipation should not exceed maxi-
mum power dissipation of the driver device.
Over Current Limit Protection
Over current Limit for step down converter is
achieved by sensing current through the low side
MOSFET. For NX2142, the current limit is decided by
the R
DSON of the low side mosfet.
When synchronous
FET is on, and the voltage on SW pin is below 320mV,
the over current occurs. The over current limit can be
calculated by the following equation.
SET
DSON
I
320mV/R
=
The MOSFET R
DSON
is calculated in the worst
case situation, then the current limit for MOSFET
STM6912 is
SET
DSON
320mV
320mV
I
4.6A
R
1.2 57m
=
==
×Ω
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
There are two sets of components considered in
the layout which are power components and small sig-
nal components. Power components usually consist of
input capacitors, high-side MOSFET, low-side
MOSFET, inductor and output capacitors. A noisy en-
vironment is generated by the power components due
to the switching power. Small signal components are
connected to sensitive pins or nodes. A multilayer lay-
out which includes power plane, ground plane and sig-
nal plane is recommended .
Layout guidelines:
1. First put all the power components in the top
layer connected by wide, copper filled areas. The input
capacitor, inductor, output capacitor and the MOSFETs
should be close to each other as possible. This helps
25V 56uF 28m
Ω with 3.8A RMS rating are chosen
as input bulk capacitors.
Power MOSFETs Selection
The NX2142 requires two N-Channel power
MOSFETs. The selection of MOSFETs is based on
maximum drain source voltage, gate source voltage,
maximum current rating, MOSFET on resistance and
power dissipation. The main consideration is the power
loss contribution of MOSFETs to the overall converter
efficiency. In this design example, two STM6912 are
used. They have the following parameters: V
DS=30V, ID
=6A,R
DSON =57mΩ,QGATE =6.3nC.
There are two factors causing the MOSFET
power loss:conduction loss, switching loss.
Conduction loss is simply defined as:
× ××
× −
××
+
2
HCON
OUT
DS(ON)
2
LCON
OUT
DS(ON)
TOTAL
HCON
LCON
P
=I
D RK
P
=I
(1 D) RK
P
=PP
...(23)
where the RDS(ON) will increases as MOSFET junc-
tion temperature increases, K is RDS(ON) temperature
dependency. As a result, RDS(ON) should be selected
for the worst case, in which K approximately equals to
1.4 at 125oC according to datasheet. Conduction loss
should not exceed package rating or overall system
thermal budget.
Switching loss is mainly caused by crossover con-
duction at the switching transition. The total switching
loss can be approximated.
SW
IN
OUT
SWS
1
P
V
I
TF
2
= ×
×××
...(24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com