Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2142ACUTR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2142ACUTR Datasheet HTML 2Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 3Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 4Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 5Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 6Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 7Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 9Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NX2142/2142A
6
Rev. 1.1
10/28/07
Figure 3- Demo board schematic(VIN=8-20V,VOUT=5V,IOUT=3A)
TYPICAL APPLICATION CIRCUIT
BST
BUS(8-20V)
U1
HDRV
2
BST
1
SW
10
LDRV
4
FB
8
COMP
9
EN/REG_OUT
6
U_SW
SW
M5A
STM6912
2
M6B
STM6912
4
C6
0.1u
R15
10
C9
470p
C1
0.1u
C14
1u
D1
BAT54A
C2
1u
LDRV
U_LDRV
Ci1
25TQC33M
VOUT
GNDOUT
R7
10k
C3
3.3n
COMP
C4
52p
C5
25n
EN_REGOUT
R8
1.2k
R9
4.99k
R10
953
Lo
DO3316P-682
1
2
Co1
1000uF, 6.3v,30mohm
BUS
Q1
2N3904
GNDBUS
C10
47u
OUT(5V)
HDRV
U_HDRV
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com