Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2142ACUTR Datasheet(PDF) 12 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button NX2142ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 9Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 10Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 11Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 12Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 13Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 14Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 15Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
NX2142/2142A
12
Rev. 1.1
10/28/07
Case 1:
F
LC<FO<FESR(for most ceramic or low
ESR POSCAP, OSCON)
40dB/decade
20dB/decade
loop gain
LC
F
ESR
F
compensator
power stage
FZ1 Z2
F
O
F
FP2
P1
F
Figure 10 - Bode plot of Type III compensator
(F
LC<FO<FESR)
Typical design example of type III compensator
in which the crossover frequency is selected as
F
LC<FO<FESR and FO<=1/10~1/5Fs is shown as the
following steps. Here two X5R 22uF ceramic capacitor
wit
h3m
Ω is chosen as output capacitor, output inductor
is 6.8uH.
1. Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
OUT
OUT
1
F
2
LC
1
2
6.8uH
44uF
9.2kHz
=
×π ××
=
×π ××
=
ESR
OUT
1
F
2
ESRC
1
2
1.5m
44uF
241kHz
=
×π ××
=
×π ×
Ω×
=
2. Set R
4 equal to 10kΩ.
3. Calculate C2 with zero Fz1 at 50% of the LC
double pole by equation (11).
2
Z14
1
C
2
FR
1
2
0.5
9.2kHz
10k
3.5nF
=
×π ××
=
×π ×
×
×Ω
=
Choose C
2=3.9nF.
4. Calculate C
1 by equation (14) with pole Fp2 at
half the switching frequency.
1
4
P2
1
C
2
RF
1
2
10k
300kHz
53pF
=
×π ××
=
×π ×
Ω×
=
Choose C
1=52pF.
5. Calculate C
3 with the crossover frequency at
1/10~ 1/5 of the switching frequency. Set F
O=60kHz.
OSCO
3
out
in4
V
2
FL
C =C
VR
1
2
60kHz
6.8uH
=
44uF
10
10k
=1.1nF
×π ××
××
×π ××
××
Ω
Choose C
3=1.2nF.
6. Set zero F
Z2 = 0.75FLC and Fp1 =0.5Fs, calcu-
late R
2.
2
3
z2
p1
1
11
R =
(-)
2
C
FF
1
11
=
(
-)
2
1.2nF
0.75*9.2kHz 300kHz
=18k
×
×π×
×
×π×
Ω
Choose R
2=20kΩ.
7. Calculate R
3 by equation (13) with Fp1 =Fs.
3
P13
1
R
2
FC
1
2
600kHz 1.2nF
221
=
×π ××
=
×π ××
=Ω
Choose R
3 =300Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com