Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2142ACUTR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 5 Page - Microsemi Corporation

  NX2142ACUTR Datasheet HTML 1Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 2Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 3Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 4Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 5Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 6Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 7Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NX2142/2142A
5
Rev. 1.1
10/28/07
BLOCK DIAGRAM
GND
Bias
Generator
1.25V
0.8V
BST
HDRV
SW
VCC
LDRV
FB
OSC
R
S
Q
Digital
start Up
UVLO
POR
Control
Logic
OCP
comparator
VCC
ramp
0.3V
COMP
OC
START
START
Hiccup Logic
OC
1.3V
CLAMP
0.6V
CLAMP
START
PWM
COMP
320mV
0.8V
VIN
6V/
5.5V
POR
FB
70%*Vp
SS_half_done
VIN
Regout
Ref
4.4/4.2V
Figure 2 - Simplified block diagram of the NX2142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com