Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2142ACUTR Datasheet(PDF) 14 Page - Microsemi Corporation

Part # NX2142ACUTR
Description  SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2142ACUTR Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button NX2142ACUTR Datasheet HTML 10Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 11Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 12Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 13Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 14Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 15Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 16Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 17Page - Microsemi Corporation NX2142ACUTR Datasheet HTML 18Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
NX2142/2142A
14
Rev. 1.1
10/28/07
B. Type II compensator design
If the electrolytic capacitors are chosen as
power stage output capacitors, usually the Type II
compensator can be used to compensate the sys-
tem.
For this type of compensator, F
O has to satisfy
F
LC<FESR<<FO<=1/10~1/5Fs.
Case 1:
Type II compensator can be realized by simple
RC circuit as shown in figure 13. R
3 and C1 introduce a
zero to cancel the double pole effect. C
2
introduces a
pole to suppress the switching noise.
To achieve the same effect as voltage amplifier,
the compensator of transconductance amplifier must
satisfy this condition: R
3>>1/gm and R1||R2>>1/gm.
The following equations show the compensator pole
zero location and constant gain.
3
2
z
31
p
32
R
Gain=
... (15)
R
1
F =
... (16)
2
RC
1
F
... (17)
2
RC
×π ××
≈
×π ××
compensator
loop gain
power stage
40dB/decade
20dB/decade
Gain
FZ
LC
F
ESR
F
O
F
FP
Figure 12 - Bode plot of Type II compensator
R3
C1
C2
Ve
Vout
Vref
Fb
R2
R1
gm
Figure 13 - Type II compensator with
transconductance amplifier(case 1)
The following parameters are used as an
example for type II compensator design, three
1500uF with 19mohm Sanyo electrolytic CAP
6MV1500WGL are used as output capacitors.
Coilcraft DO5010P-152HC 1.5uH is used as output
inductor. The power stage information is that:
VIN=12V, VOUT=1.2V, IOUT =12A, FS=600kHz.
1.Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
3
P13
1
R
2
FC
1
2
5.3kHz 25nF
1.2k
=
×π ××
=
×π ××
=Ω
Choose R
3 =1.2kΩ.
8. Calculate R
1.
2
REF
1
OUT
REF
RV
1.2k
0.8V
R =
381
V
-V
5V-0.8V
×
Ω×
=
=Ω
Choose R
1=381Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com