Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU0R1GP Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU0R1GP Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU0R1GP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
BWW Precision Wirewound Resistors
Technical Specifcations
Performance
Ambient Temp. °C
100
58.5
40
20
0
-80 -60 -40
-55
85
20
-20
40
0
100 120
60
140
175 200
160
80
80
Power Derating Curve
A
F (check point)
30±3
d
Type
RateWatts
at 25°C
(W)
Resistance Range
(Ω)
Tolerance
(%)
TCR
(PPM/°C)
Dimensions (mm)
Min
Max
A±0.25
ΦB±0.25
Φd
F
BWW-0.5
0.5
0.1
100
±0.1
±0.25
±0.5
±1
±2
±25
±50
±150
7.0
3.0
0.8
27.0
BWW-1
1.0
0.1
1K
11.0
3.0
0.8
31.0
BWW-3
3.0
0.1
10K
15.0
5.2
0.8
34.0
BWW-4
4.0
0.1
15K
18.0
6.5
0.8
38.0
BWW-5
5.0
1
24K
24.0
8.4
1.0
44.0
BWW-10
10.0
1
39K
46.5
10.0
1.0
66.0
Test Items
Test Conditions
Specifications
Operating Temp. Range
-55°C ~ 175°C
Insulation Resistance
500V
>1GΩ
Dielectric Withstanding Voltage
500V AC 1 Min.
ΔR ≤ ±0.1%R
Load Life
70°C on~off cycle 1000 Hrs.
ΔR ≤ ±1%R
Moisture-Proof Load Life
40°C 95% RH on~off cycle 21 Hrs.
ΔR ≤ ±0.2%R
Resistance to soldering heat
350°C, 3.5s
ΔR ≤ ±0.1%R
Solderability
235±5°C, 5s(solder bath method)
IEC68-2-20(1968)
TOKEN
08 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com