Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU0R1GP Datasheet(PDF) 30 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU0R1GP Datasheet(HTML) 30 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU0R1GP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
FKU/FRU Thermal Cut-offs Resistors
How to Order
5M
A
10R
FRU
K
Part Number
Rated Power (W): 5M, 7M, 10M
Thermal Cut-offs (Ω)
Resistance Value (Ω)
Code
Thermal Cut-offs
A
109+1/-3°C
B
129±4°C
C
152±4°C
D
188+3/-1°C
E
226+1/-3°C
F
95+3/-0°C
G
110±4°C
H
126±4°C
N
130±4°C
M
145±4°C
Package
Code
Package
P
Bulk
Code
Resistance Value (Ω)
1R
1Ω
10R
10Ω
100R
100RΩ
1K
1000Ω
P
Code
Resistance Value
FRU
Metal Oxide type
Thermal Cut-offs
FKU
Wirewound type
Thermal Cut-offs
Resistance Tolerance (%)
Code
Resistance Tolerance (%)
J
±5%
K
±10%
Back to 1st Page - Thermal Cut-offs Resistors (FKU/FRU)
TOKEN
28 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com