Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU0R1GP Datasheet(PDF) 58 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU0R1GP Datasheet(HTML) 58 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU0R1GP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 59Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 60Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
SQ Ceramic Housed Cement Resistors
SQT - Dimensions
SQH - Dimensions
W
SQT
L
27Min
Type
Dimension (mm)
Resistance Range (Ω)
SQT
H±1.5
W±1
L±1
t±1
SQT
RS+SQM
3W
9
10
22
1.5
0.1-180
181-50K
5W
9
10
22
1.5
0.1-180
181-50K
7W
9
10
35
3.0
0.1-430
431-47K
10W
9
10
48
3.0
0.1-470
471-47K
P
SQH
0.6
L
D
P1
P2
W
D
W
Ø2.7
Type
Dimension ( mm )
Resistance Range (Ω)
MaxWorkingVoltage
SQH
W±1
H±1 L±1.5 P±1 H1±1 D±0.5 P1±0.2 P2±0.2
SQH
RS+SQH
10W
10
9
48
32
21
5
2.5
2
0.1~500
500~50K
500V
15W
12.5
11.5
48
32
21
5
2.5
2
1~1K
1K~150K
600V
20W
14.5
13.5
60
43
24
6
3.0
2.5
1~2K
2K~150K
700V
30W
19
19
75
56
29
6
3.0
2.5
1~2K
700V
40W
19
19
90
67
29
6
3.0
2.5
2~3K
700V
50W
19
19
90
67
29
6
3.0
2.5
2~3K
700V
TOKEN
56 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com