Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU0R1GP Datasheet(PDF) 26 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU0R1GP Datasheet(HTML) 26 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU0R1GP Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
FRN, FKN, FSQ Fusible Resistors
Ceramic Cement Fusible (FSQ) - Specifications & Dimensions (Unit: mm)
W
H
d
20 Min
L
Type
Rated
Wattage
Dimension (mm)
Resistance
Range
Dielectric
Withstanding
Voltage
L ± 1.5 D ± 1 H ± 0.5 W ± 0.5 H ± 3
d ± 0.05
FSQ
2W
3W
5W
7W
10W
18
22
22
35
48
7
8
9
9
9
7
8
10
10
10
35
35
35
35
35
0.50~0.55
0.75~0.80
0.75~0.80
0.75~0.80
0.75~0.80
0.1Ω~22Ω
0.1Ω~120Ω
0.2Ω~120Ω
0.3Ω~250Ω
0.3Ω~500Ω
1000V
1000V
1000V
1000V
1000V
FRN, FKN, FSQ - Electrical Characteristics
Test Items
Condition
Spec.
Operating Temp.
-30°C~155°C
Resistance Temp. Coeff.
-30°C~150°C
± 200PPM / °C
Short Time Overload
2 times of rated voltage for 5 sec.
± 2 %
Temp. Cycle
-30°C~85°C for 5 cycles
± 1 %
Load Life
25°C on-off cycle 1,000 hrs.
± 5 %
Moisture-Proof Load Life
40°C 95°C RH on-off cycle 1,000 hrs.
± 5 %
Solder Pot
270°C for 3 sec.
± 1 %
Incombustibility
16 times of rated wattage for 5 min.
not flamed
FRN, FKN, FSQ - Electrical Characteristics
POWER WATTAGE
FUSING TIME
16 X Rated Wattage
Within 2 min
24 X Rated Wattage
Within 1 min
32 X Rated Wattage
Within 30 sec.
TOKEN
24 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com