Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU0R1GP Datasheet(PDF) 56 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU0R1GP Datasheet(HTML) 56 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU0R1GP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 59Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 60Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Applications
- Power supplies
- Voltage dividers
- Motor controllers
- Automotive applications
- Power electronics circuits
Preview
Token electronics offers commercial grade ceramic-housed power wirewound and film resistors. For medium to
high rated power (2W...50W), SQ resistors provide full electrical insulation mounted in a ceramic case.
Axial, radial, vertical styles and several mounting techniques of wire leads or quick disconnects are available
from Token’s SQP, SQM, SQZ, and SQH.
The SQ series power resistors feature ideal specifications for high volume and high-temperature applications.
Frequently used in power supplies, motor controllers, and automotive applications, these products can be custom
tailored to individual needs.
With the extended resistance range and high-temperature rating, the resistors can be specified for operation in
harsh environments. The SQ series wirewound resistors feature a resistance range from 0.1Ω to 3KΩ, while the
SQ series power film resistors have a resistance range of 80Ω to 150KΩ.
Standard tolerances for both devices are to ±5%, with TCRs of ±300ppm/°C and above. Token is equipped to
design and produce custom components to meet many design and reliability demands. Contact us with your
specific needs.
SQ Ceramic Housed Cement Resistors
Cement Resistors - SQP, SQM, SQT, SQH, SQZ Series
Features
- Low cost, space saving
- RoHS compliant with 100% lead free
- Direct mounting on printed circuit board
- Circuit board lock-in mounting tabs available
- High performance for power required applications
- High power to size ratio, Special inorganic potting compound
- Ceramic case provide high thermal conductivity in a fireproof package
Low-cost Ceramic Cased Resistors
Suit High Volumes and High Temperatures
Ceramic Housed
Cement Resistors
TOKEN
54 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com