Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU0R1GP Datasheet(PDF) 54 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU0R1GP Datasheet(HTML) 54 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU0R1GP Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
ZO, JW Zero Ohm Jumper Wire Resistors
Zero Ohm Resistors (ZO) General Specification (Unit: mm)
Jumper Wire Resistors (JW) General Specification (Unit: mm)
H
L
D
ZO-TYPE
Type
Rating
Dimension (mm)
L Max.
D Max.
H ± 3
d+0.02-0.04
ZO - 1/8
0.125W
4.2
2.0
28
0.5
ZO- 1/4
0.25W
6.8
2.5
28
0.5
JW-TYPE
4 Min
52 ±1
0.5Max
P
L
Type
L±1
d+0.02 -0.04
H
P
ZW-A
61.5
0.5
3 - 10
5 - 30
ZW-B
61.5
0.6
3 - 10
5 - 30
Electrical Performance
Requirements
Characteristics
Maximum Resistance
0.05Ω
Lead Material
tin-plead copper
Body Material
Electrical grade, high performance molding compound
Dielectric Withstanding Voltage
Atomspheric-500V RMS, Reduced-325V RMS
Insulation Flammability
Resistor Insulation is self extinguishing within 10 seconds after externally applied flame
is removed.
Current Rating
25 AMPS at 25°C, dreading to 0 AMPS at 150°C
TOKEN
52 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com