Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU0R1GP Datasheet(PDF) 42 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU0R1GP Datasheet(HTML) 42 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AU0R1GP Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. KNP-R3AU0R1GP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
CCR Carbon Composition Resistors
Dimensions (Unit: mm)
Ratings Specifications
Derating Curve
Φd
Color Band
Unit:mm
H
L
H
ΦD
Type
Power Rating
L
Φ D
H
Φ d
CCR
1/4W
6.3
+1.0
2.3±0.3
27±3
0.60±0.05
-1.5
CCR
1/2W
10
+0.5
3.5±0.3
27±3
0.68±0.05
-1.5
Type
Power
Rating
Resistance
Range
Tolerance
E12,E24
Max Working
voltage
Max overload
Voltage
Rated Ambient
Temp.
Operating
Temp. Range
CCR
1/4W
2.2Ω
~12MΩ
J(±5%)K±10%
250V
350V
+70°C
-40°C~+125°C
CCR
1/2W
2.2Ω
~22MΩ
400V
700V
+70°C
-40°C~+125°C
Rated Voltage=
or Max. working voltage,whichever is lower.
Power Rating × Resistance Value
100
80
60
40
20
0
Ambient Temp. °C
-40
0
40
80
100
70
125
TOKEN
40 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com