Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV0R1GP Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV0R1GP Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV0R1GP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Selecting The Optimum Resistors
Characteristics
Thin Film
Thick Film
Wire Wound
Alloy Strip
Carbon
Film
Metal
Film
Metal
Oxide
Film
Metal
Glaze
Film
Standard
Non-
Inductive
Resistance
Range
(Ω)
0.1
1
10
100
1K
10K
100K
1M
10M
Volume Size
Standard Standard Standard
Standard Standard Bigger
Compact
High Frequency
Available Available Available
Available None
Available Available
Cost
Cheap
Fair
Fair
Fair
High
High
Fair
Noise
Fair
Good
Fair
Fair
Fair
Good
Good
Stability
Fair
Excellent Good
Good
Excellent Good
Excellent
Comparision of Axial Lead Resistor Functions Table
Class
Advantage
Disadvantage
Carbon Resistors
Cheap, General Purposes
High TCR,
Metal Film Resistors Low TCR, Tight Tolerance, High Stabililty Fair Withstanding Voltage
Metal Oxide Resistors Replace high resistance wire wound
resistor, Good withstanding voltage
Resistance Range Limitation,Fair
Tolerance
Wirewound Resistors High Pulse Load, Anti-Surge,High
Stabililty
High Inductance, Resistance Range
Limitation
Non-Inductive Resis-
tors
High Pulse Load, Anti-Surge, High
Stabililty
Resistance Range Limitation, High
Cost
Ceramic Housed Ce-
ment Resistors
Rugged, excellent heat dissipation, with-
standing high temperature
Heavy Weight, Big Volume
Metal Glaze Resistors High Pulse Load, Anti-Surge, High Sta-
bililty
High TCR, Fair Tolerance
Alloy Strip
Low TCR, Low Ohmic
Fair Tolerance
Continued from the preceding page.
TOKEN
06 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com