Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV0R1GP Datasheet(PDF) 59 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV0R1GP Datasheet(HTML) 59 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV0R1GP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 59Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 60Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
SQ Ceramic Housed Cement Resistors
SQZ - Dimensions
SQP, SQM, SQT, SQH, SQZ - Electrical Performance
SQZ
P
0.4
L
W
P2±0.2
P3±0.2
P4±0.2
Type
Dimension (mm)
Resistance Range (Ω)
SQZ L±1.5
W±1 H±1 P±1.5
P1
P2
P3
P4
H1±1 H2±1
SQZ
RS+SQZ
5W
25(28)
10
10
9.5(15)
4.2
2
5
1.5
25
10.5
0.1-130
131-50K
7W
36
10
10
20
4.2
2
5
1.5
25
10.5
0.1-430
431-50K
10W
48
10
10
32
4.2
2
5
1.5
25
10.5
0.2-470
471-50K
15W
48
12.5
12
32
4.2
2
5
1.5
26
10.5
1-600
601-150K
20.25W
60
15
13
42
7
6
10
2.7
36
15.0
1-1K
1.1K-150K
TEST ITEMS
CONDITION
SPEC.
Resistance Temp Coeff.
-30°C~ 200°C
±300ppm / °C
Short Time Over Load
2.5 times of rated wattage for 5 sec.
±2 %
Rated Load
Rated wattage for 30 min.
±1 %
Voltage Withstanding
800 v AC 1 min.
no charge
Temp. Cycle
-30°C~ 85°Cfor 5 cycles
±1 %
Load Life
70°Con-off cycle 1000hrs.
±5 %
Moisture-proof Load Life
40°C95% RH on-off cycle 500 hrs.
±5 %
Incombustibility
16 times of rated wattage for 5 min.
not flammed
TOKEN
57 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com