Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV0R1GP Datasheet(PDF) 28 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV0R1GP Datasheet(HTML) 28 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV0R1GP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Features
- Miniature size
- Radial leaded form
- Accurate fusing temperature
- Various temperature settings
- Current Rating: Up to 10Amp
- Products with Pb-free Terminations and RoHS compliant
- Economical by combining both function of a thermal fuse
and a pulse resistor
Preview
Fast-acting protection device for high-power applications combines thermal fuse element and resistor on a single
substrate.
Token offers FKU (Wirewound Resistor + Thermal Cut-offs) and FRU (Metal Oxide Film Resistor + Thermal
Cut-offs) two Series, both are a new concept in thermal fuse technology and are designed to protect against over-
heating in electrical products.
The two active components, a thermal cutoff is a fusible alloy and a resistor is a voltage divider, both are
surrounded by a ceramic cement with special resin. Under normal operating temperatures the fusible alloy joins
the two lead wires within the body of the cutoff and the power resistor acts as a normal function resistor. When
the preset temperature of the cutoff is reached, the fusible alloy melts and with the aid of the special resin,
complete cutoff is ensured.
By combining a thermal fuse element and resistor on a single substrate, Token has created a fast-acting ultimate
protection device for high power applications up to 10A/250V.
Resistance range of FKU Wirewound Type Thermal Cut-offs is 1Ω~100Ω and FRU Metal Oxide Film Type
Thermal Cut-offs is 110Ω~10KΩ. Both standard precision tolerance is J(±5%).
Our custom solutions are designed to address your need for technical and economic success in a timely manner.
Contact us with your specific needs.
Applications
- Motors - fans, copiers, washing machines, air conditioners, compressors.
- Electronics - TVs, tape recorders, stereos, video recorders, fluorescent lamps, transformers, surge
suppressors, computers, telecommunication equipment.
- Appliances - electric blankets, space heaters, stoves, irons, hair dryers, cookers, toaster ovens, clothes
dryers, toasters, mixers, microwave ovens, crock pots.
26 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw
FKU/FRU Thermal Cut-offs Resistors
Cement Resistors with Thermal Cut-offs - FKU/FRU Series
Ultimate Protection Thermal Cutoffs
for High Power Applications
Thermal Cut-offs
Resistors
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com