Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV0R1GP Datasheet(PDF) 49 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV0R1GP Datasheet(HTML) 49 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV0R1GP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
How to Order
0.5W
1KR
J
RSS
TB
RSS, RSN Metal Oxide Resistors
Back to 1st Page - Metal Oxide Resistors (RSS, RSN)
Part Number: RSS, RSN
Rated Power (W)
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Tolerance
J
±5%
Package
Application Notes
Code
Resistance Value
10R
10Ω
100R
100Ω
1K
1KΩ
10K
10KΩ
Code
Package
TB
Taping Box
● Never use organic solvents to clean non-flammable resistors.
● Maintaining a surface temperature of 200°C or less will extend resistors service life.
● Although the hardness exceeds that of a 3H pencil lead, do not nick the coating with screwdrivers
or other pointed objects.
● Smoke emitted from non-flammable resistors on initial use in powered circuits is a normal
phenomenon and the component can be safely utilized.
● Non-flammable resistors cannot be utilized in oil. Non-flammable resistors cannot be used in high
frequency machinery because of the inductance produced by the grooving.
● Avoid touching non-flammable resistors in operation; the surface temperature ranges from
approximately 350 °C to 400°C when utilized at the full rated value.
● All metal oxide film resistors (RSS, RSN) manufactured by Token Electronics Co., Ltd. comply
with the U.S. UL-94 non-flammability test, Class V-0, a continuous combustion period of zero seconds.
● Less resistant against external shocks than ordinary resistors due to special flame retardant coating.
So, never give shocks or vibrations on the resistors. Also never damage them by picking up the
coated films with pliers, tweezers, etc.
● After cleaning, no external power should be put on the coated films before they are well dried.
TOKEN
47 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com