Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV0R1GP Datasheet(PDF) 41 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV0R1GP Datasheet(HTML) 41 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV0R1GP Datasheet HTML 37Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Preview
The high pulse withstanding capability of the CCR series
of carbon composition resistors from Token Electronics
offers designers a compact solution for applications
involving high voltages and high-energy pulses.
Though, many resistor manufacturers claim to offer carbon
composition replacements. However, these wirewound or
thick film alternatives do not fully match the pulse
performance and low inductance of carbon composition.
Token’s CCR series now offers the industry a carbon
composition resistor made up of a solid rod of conductive
composite material, the chemical composition of which is
altered to produce different resistance values.
The main advantage of carbon composition is their pulse handling capability. This is due to the fact that the entire
rod conducts and so the thermal mass is far higher, which results in a higher energy capability. Due to the need
for higher peak voltages, the CCR range is perfect for vehicle ignition system applications, medical monitoring
equipment and as output resistors in defibrillators.
The standard carbon composition CCR resistor offers a power rating of 1/4W and 1/2W at 25°C and is made up
of a solid rod of conductive composition material, which can be altered to produce different resistance values.
With a typical resistance range of 2.2Ω ~ 22MΩ, resistance tolerance is J(±5%) and K(±10%). Resistors with 5%
and 10% tolerance have four bands indicating value and tolerance in accordance with IEC62.
Our custom solutions are designed to address your need for technical and economic success in a timely manner.
Contact us with your specific needs.
CCR Carbon Composition Resistors
Features
- Low inductance
- Solid rod carbon composition
- Power rating 1/4W and 1/2W
- Resistance range 2.2Ω ~ 22MΩ
- Resistance tolerance J(±5%) and K(±10%)
- High pulse withstanding and high energy capability
- Products with Pb-free Terminations and RoHS
compliant
The High Pulse Withstanding Carbon Composition Resistors
Handle Big Peaks and Pulses
Carbon Composition
Resistors
Applications
- Strobe Lighting
- High Power Lighting
- Medical defibrillators
- Welding, Automotive
- Inrush Current Limiting
- High Voltage Power Supplies
- Protection (e.g. Discharge Circuits,
Surge Protection)
TOKEN
39 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com