Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV0R1GP Datasheet(PDF) 18 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV0R1GP Datasheet(HTML) 18 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV0R1GP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Preview
Token has launched its commercial wirewound resistor yet with the introduction of the various package size.
Matching price with size to provide an economical solution to board population, Token’s wire wound resistors
are available in 15 standard size power ranging from 0.5W to 12.5W, all at 1%, 2%, and 5% tolerance.
The KNP series has been designed to give enhanced pulse handling capability and increased flameproof
protection. The series is RoHS compliant with Pb-free terminations, and KNP wire-wound series can also be
supplied with radial, goalpost or lancet preformed leads.
The KNP drive to miniaturise is as widespread within industrial process control and circuit break products as
it is in the consumer sector. These resistors are ideal for high reliability industrial application as the technology
removes the excessive temperature risk.
Produced on a high purity ceramic substrate, the resistor is assembled with interference-fit end caps to which are
welded terminations. The resistive element is wound on the substrate and welded to the caps. Flameproof silicone
cement coating is applied prior to marking with indelible link. The components are then leadformed, if required.
To address your need for technical and economic success in a timely manner, our custom solutions are available.
Contact us with your specific needs.
KNP Wirewound Resistors
Applications
- Ballast
- Power tools
- Consumer applications
- Power supplies, Welders
- High voltage applications
- Home entertainment, appliances
Wirewound Resistors are Getting Economical Solution
to Board Population
Wirewound Resistors
Features
- Low cost
- Excellent pulse load capability
- A wide resistance range 0.1 Ω to 3 kΩ
- Operating temperature range -55°C ~ 155°C
- A wide range of power ratings 0.5W to 12.5W
- Products with Pb-free Terminations and RoHS compliant
TOKEN
16 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com