Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV0R1GP Datasheet(PDF) 45 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV0R1GP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV0R1GP Datasheet(HTML) 45 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV0R1GP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. KNP-R3AV0R1GP Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
MF Metal Film Precision Resistors
Dimensions & Specifications (Unit: mm)
Resistance Range
D
d
H
L
Lead
Wire
End
Cap
Resistive
Film
Coating
Marking
Trimming Line
Ceramic Core
STYLE
MIL
STYLE
POWER
RATING(W)
DIMENSION (mm)
MAX
WORKING
VOLTAGE
MAX
OVERLOAD
VOLTAGE
RN
RNS
L
D
H
d ± 0.05
RN
RNS
RN
RNS
MF - 12
RN-50
1/8W
1/4W 3.2± 0.2 1.5 ± 0.2 26 ± 1.0 0.40~0.45
200
150
400
300
MF - 25
RN-55
1/4W
1/2W 6.0 ± 0.3 2.3 ± 0.3 26 ± 1.0 0.40~0.50
250
200
500
400
MF - 50
RN-60
1/2W
1W
9.0 ± 0.5 3.0 ± 0.5 26 ± 1.0 0.50~0.55
350
250
700
500
MF - 100 RN-65
1W
2W
11 ± 1.0 4.0 ± 0.5 35 ± 3.0 0.75~0.80
500
300
1000
600
MF - 200 RN-70
2W
3W
15 ± 1.0 5.0 ± 0.5 35 ± 3.0 0.75~0.80
500
350
1000
700
STYLE
MIL STYLE TOLERANCE TC+15-25PPM TC+50PPM TC+100PPM
REMARK
MF-12
RN-50
±1%
±0.5%
±0.25%
100Ω-100KΩ
100Ω-100KΩ
100Ω-100KΩ
10Ω-1MΩ
10Ω-1MΩ
*Standard
resistance
is 10Ω-1MΩ,
below or over this
resistance
on request.
MF-25
RN-55
±1%
±0.5%
±0.25%
±0.1%
51.1Ω-511KΩ
51.1Ω-511KΩ
100Ω-300KΩ
100Ω-300KΩ
10Ω-1MΩ
10Ω-1MΩ
MF-50
RN-60
±1%
±0.5%
±0.25%
±0.1%
51.1Ω-1KΩ
51.1Ω-1KΩ
100Ω-551KΩ
100Ω-330KΩ
10Ω-1MΩ
10Ω-1MΩ
MF-100
RN-65
±1%
±0.5%
±0.25%
±0.1%
51.1Ω-1KΩ
51.1Ω-1KΩ
100Ω-551KΩ
100Ω-330KΩ
10Ω-1MΩ
10Ω-1MΩ
MF-200
RN-70
±1%
±0.5%
±0.25%
±0.1%
51.1Ω-1KΩ
51.1Ω-1KΩ
100Ω-551KΩ
100Ω-330KΩ
10Ω-1MΩ
10Ω-1MΩ
TOKEN
43 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com