Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4320-1ACPZ-R7
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4320-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADA4320-1
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = 5 V, RL = 75 Ω, VIN (differential) = 29 dB mV sinusoidal, f = 5 MHz to 85 MHz, gain, VOUT (single-ended) measured at
output of Coilcraft PWB-4-BL transformer, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
Balanced (differential) input
640
Ω
Unbalanced (single-ended) input
320
Ω
Input Capacitance
2.0
pF
GAIN CONTROL
Current Level 3
Gain Range
57.5
59
60
dB
Maximum Gain
Gain Code 60
30.5
32
dB
Minimum Gain
Gain Code 01
−27
−25.5
dB
Output Step Size
0.6
1.0
1.4
dB/LSB
OUTPUT CHARACTERISTICS
Gain Flatness
Referenced to 10 MHz
At Maximum Gain
f = 42 MHz, Gain Code 60, Current Level 3
−0.3
dB
f = 65 MHz, Gain Code 60, Current Level 3
−0.7
dB
f = 85 MHz, Gain Code 60, Current Level 3
−1.1
dB
At Minimum Gain
f = 42 MHz, Gain Code 01, Current Level 0
−0.4
dB
f = 65 MHz, Gain Code 01, Current Level 0
−0.8
dB
f = 85 MHz, Gain Code 01, Current Level 0
−1.8
dB
1 dB Compression Point (P1dB)
f = 10 MHz, Gain Code 60, Current Level 3, output referred
70
dB mV
Output Noise in 160 kHz Bandwidth
f = 10 MHz, 294 Ω resistor across VIN+ and VIN− pins
At Maximum Gain
Gain Code 60, Current Level 3, TXEN = high (1)
−19
−20
dB mV
Gain Code 60, Current Level 0, TXEN = high (1)
−20
−21
dB mV
At Minimum Gain
Gain Code 01, Current Level 3, TXEN = high (1)
−59
−60
dB mV
Gain Code 01, Current Level 0, TXEN = high (1)
−60
−61
dB mV
Transmit Disabled
TXEN = low (0)
−68
−70
dB mV
Output Impedance (Measured at
Transformer Output)
TXEN = high (1) or TXEN = low (0) or SLEEP = low (0)
75
Ω
Output Return Loss (Measured at
Transformer Output)
f = 85 MHz
SLEEP = high (1), TXEN = high (1)
12
dB
SLEEP = high (1), TXEN = low (0)
11
dB
SLEEP = low (0)
10
dB
OVERALL PERFORMANCE
Adjacent Channel Power Ratio (ACPR)
Single QPSK Channel
f = 5 MHz to 85 MHz, output level = 61 dB mV,
Gain Code 60, Current Level 3, channel width = 6.4 MHz,
adjacent channel width = 6.4 MHz
−66
dBc
4x QAM64 Channels
f = 5 MHz to 85 MHz, output level = 53 dB mV/channel,
Gain Code 60, Current Level 3, channel width = 1.6 MHz,
adjacent channel width = 1.6 MHz
−63
dBc
Output Third-Order Intercept Point (OIP3)
f1 = 84 MHz, f2 = 85 MHz, Gain Code 60, Current Level 3
93
dB mV
f1 = 84 MHz, f2 = 85 MHz, Gain Code 60, Current Level 0
87
dB mV
Input-to-Output Isolation
f = 85 MHz, Gain Code 60, TXEN = Low (0)
107
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com