Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4320-1ACPZ-R7
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4320-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADA4320-1
Rev. 0 | Page 5 of 16
TIMING REQUIREMENTS
Full temperature range, VCC = 5 V, tR = tF = 4 ns, fCLK = 8 MHz, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Clock Pulse Width (tWH)
16
ns
Clock Period (tC)
32
ns
Setup Time SDATA vs. Clock (tDS)
5
ns
Setup Time DATEN vs. Clock (tES)
16
ns
Hold Time SDATA vs. Clock (tDH)
5
ns
Hold Time DATEN vs. Clock (tEH)
3
ns
Input 10% to 90% Rise and Fall Times, SDATA, DATEN, Clock
10
ns
VALID DATA-WORD G1
MSB...LSB
VALID DATA-WORD G2
SDATA
CLK
TXEN
ANALOG
OUTPUT
DATEN
tDS
tES
tEH
8 CLOCK CYCLES
GAIN TRANSFER (G1)
GAIN TRANSFER (G2)
tWH
tC
SIGNAL AMPLITUDE (p-p)
Figure 2. Serial Interface Timing
SDATA MSB
MSB – 1
MSB – 2
CLK
VALID DATA BIT
tDS
tDH
Figure 3. SDATA Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com