Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4320-1ACPZ-R7
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4320-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4320-1
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
POWER CONTROL
Transmit Enable Settling Time
TXEN = 0 to 1, Gain Code 60, no input signal
5.5
μs
Transmit Disable Settling Time
TXEN = 1 to 0, Gain Code 60, no input signal
7
μs
Output Switching Transients
Gain Code 60
20
mV p-p
Gain Code 01
2
mV p-p
POWER SUPPLY
Operating Range
4.75
5.00
5.25
V
Quiescent Current
At Maximum Gain
Gain Code 60, Current Level 3
260
300
mA
Gain Code 60, Current Level 2
235
270
mA
Gain Code 60, Current Level 1
210
250
mA
Gain Code 60, Current Level 0
180
210
mA
At Minimum Gain
Gain Code 01, Current Level 3
77
100
mA
Gain Code 01, Current Level 2
73
95
mA
Gain Code 01, Current Level 1
70
90
mA
Gain Code 01, Current Level 0
65
80
mA
TXEN = 0, all gain codes, all current levels
12
15
mA
SLEEP = 0 (power-down)
12
80
μA
OPERATING TEMPERATURE RANGE
−40
+85
°C
LOGIC INPUTS (TTL-/CMOS-COMPATIBLE LOGIC)
DATEN, CLK, SDATA, TXEN, SLEEP, VS = 5 V; full temperature range.
Table 2.
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.0
VS
V
Logic 0 Voltage
0
0.8
V
Digital Input Leakage Current (Both Logic Levels, All Digital Pins)
−5
+5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com