Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4320-1ACPZ-R7
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4320-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADA4320-1
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
0.30
0.25
0.20
1.00
0.90
0.80
1
7
8
12
13
19
20
24
5.00 BSC
4.00 BSC
PIN 1
INDICATOR
(Chamfer 0.225)
3.75
3.65
3.50
2.75
2.65
2.50
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDICATOR
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.50
BSC
0.50
0.40
0.30
FORPROPERCONNECTIONOF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 25. 24-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 5 mm Body, Very Thin Quad
(CP-24-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering
Quantity
ADA4320-1ACPZ-R2
–40°C to +85°C
24-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-24-5
250
ADA4320-1ACPZ-R7
–40°C to +85°C
24-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-24-5
1,500
ADA4320-1ACPZ-RL
–40°C to +85°C
24-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-24-5
5,000
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com