Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4320-1ACPZ-R7
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4320-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Power, Low Distortion Upstream
CATV Line Driver
ADA4320-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2010 Analog Devices, Inc. All rights reserved.
FEATURES
Supports CableLabs® DOCSIS 3.0/2.0 and EuroDOCSIS
3.0/2.0 specifications for customer premises equipment
(CPE) upstream transmission
5 V single-supply operation
Excellent adjacent channel rejection performance
−66 dBc ACPR for a single QPSK channel
−63 dBc ACPR for 4× QAM64 channels
Gain programmable in 1 dB steps over a 59 dB range
Gain range: −27 dB to +32 dB
Current-scaled output stage
Low between-burst output noise level
−70 dB mV in 160 kHz bandwidth
Maintains constant output impedance in enable, disable,
and sleep conditions
Selectable low power modes
12 mA in Tx disable
12 μA in sleep mode (full power-down)
3-wire, SPI-compatible interface
4 mm × 5 mm 24-lead LFCSP, RoHS compliant
APPLICATIONS
DOCSIS 3.0 and EuroDOCSIS cable modems/E-MTAs
DOCSIS 3.0 set-top boxes
CATV telephony modems
Coaxial or twisted pair line drivers
FUNCTIONAL BLOCK DIAGRAM
POWER
AMP
DIFF OR
SINGLE
INPUT
AMP
VERNIER
VIN–
CLK
SDATA
GND
VIN+
VOUT+
VOUT–
RAMP
ATTENUATION
CORE
DECODE
DATA LATCH
SHIFT
REGISTER
8
8
8
ADA4320-1
ZOUT DIFF =
300Ω
ZIN (SINGLE) = 320Ω
ZIN (DIFF) = 640Ω
POWER-DOWN
LOGIC
DATEN
TXEN
SLEEP
Figure 1.
GENERAL DESCRIPTION
The ADA4320-1 is a high power, ultralow distortion amplifier
designed for CATV reverse channel line driving. Its features and
specifications make the ADA4320-1 ideally suited for DOCSIS 3.0-
and EuroDOCSIS 3.0-based applications. Both gain and output
stage current are controlled via a 3-wire (SPI-compatible) interface.
A single 8-bit serial word selects one of four available supply
current presets and one of sixty gain codes.
The ADA4320-1 has been tailored to address both the high output
drive and stringent fidelity requirements of DOCSIS 3.0. The
part is able to maintain excellent adjacent channel rejection
performance over the full 5 MHz to 85 MHz range, even with
multiple bonded channels at maximum specified output levels.
The ADA4320-1 accepts a differential or single-ended input
signal. The output is specified for driving a single-ended 75 Ω
load through a 4:1 impedance transformer.
The ADA4320-1 features an output driver stage that scales
quiescent current consumption according to gain setting. In
multichannel mode at maximum gain (32 dB), the device draws
260 mA from a single 5 V supply, enabling the high power,
ultralow distortion performance required by multiple DOCSIS 3.0
upstream channels. For lifeline E-MTA applications, the ADA4320-1
output stage current can be throttled via SPI commands, reducing
the power requirement for single-channel transmission by up to
30%. In transmit-disable mode, the ADA4320-1 draws only 12 mA.
The device also features a full power-down sleep mode that
further reduces current draw to12 μA typical.
The ADA4320-1 is packaged in a RoHS-compliant, 24-lead
exposed pad LFCSP and is rated for operation over the −40°C
to +85°C temperature range.


Similar Part No. - ADA4320-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
Active RF Splitter
ADA4302-4 AD-ADA4302-4 Datasheet
231Kb / 12P
Active RF Splitter
REV. B
ADA4302-4ACP-REEL AD-ADA4302-4ACP-REEL Datasheet
230Kb / 12P
Active RF Splitter
9/05-Rev. SpA to Rev. B
ADA4302-4ACP-RL7 AD-ADA4302-4ACP-RL7 Datasheet
230Kb / 12P
Active RF Splitter
9/05-Rev. SpA to Rev. B
ADA4302-4ACPZ-EBDI AD-ADA4302-4ACPZ-EBDI Datasheet
230Kb / 12P
Active RF Splitter
9/05-Rev. SpA to Rev. B
More results

Similar Description - ADA4320-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
List of Unclassifed Man...
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
Low Distortion GaAs Power FET
EFA060B-70 ETC-EFA060B-70 Datasheet
25Kb / 2P
Low Distortion GaAs Power FET
EFA072A ETC-EFA072A Datasheet
43Kb / 2P
Low Distortion GaAs Power FET
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
Low Distortion GaAs Power FET
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
logo
List of Unclassifed Man...
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
Low Distortion GaAs Power FET
logo
Analog Devices
ADA4940-1 AD-ADA4940-1 Datasheet
926Kb / 32P
Ultralow Power, Low Distortion
REV. B
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com