Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4320-1ACPZ-R7
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4320-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADA4320-1
Rev. 0 | Page 13 of 16
RAMP PIN FEATURE
OUTPUT TRANSFORMER
The RAMP pin (Pin 6) can be optionally used to control the
length of the burst on and off transients. By default, leaving the
RAMP pin unconnected results in a transient that is fully compliant
with DOCSIS 3.0. Adding capacitance to the RAMP pin slows
the dissipation even more.
Matching the 300 Ω differential output impedance to unbalanced
75 Ω requires a 4:1 impedance (2:1 turns) ratio transformer.
The transformer should have minimal insertion loss over the
5 MHz to 85 MHz band and have a maximum dc current rating
of at least 200 mA.
Characterization of the ADA4320-1 was performed using a
Coilcraft PWB-4-BL surface-mount wide-band RF transformer.
Alternate choices for the output transformer are the Toko
458PT-1565 and the Tyco Electronics (M/A-COM) ABACT0018.
GND
GND
VIN–
VIN+
GND
COMP
VOUT+
VOUT–
VOUT+
VOUT–
ADA4320-1
0.1µF
10µF
LPF
QPSK/QAM
BURST
MODULATOR
DAC
DIPLEXER
TO TUNER
OR SPLITTER
0.1µF
3-WIRE
(SPI-COMPATIBLE)
CONTROL
POWER-DOWN
CONTROL
TRANSMIT
ENABLE/DISABLE
CONTROL
+
5V
100pF
0.1µF
0.1µF
100nH
2:1*
UPSTREAM
DOWNSTREAM
F-CONNECTOR
*COILCRAFT PWB-4-BL
ALTERNATES: TOKO 458PT-1565
TYCO MABACT0018
1
8
13
20
Figure 24. Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com