Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4320-1ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4320-1ACPZ-R7
Description  High Power, Low Distortion Upstream
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4320-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4320-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4320-1
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 5 V, RL = 75 Ω, VIN (differential) = 29 dBmV sinusoidal, f = 5 MHz to 85 MHz, Gain Code 60 (maximum), Current Level 3
(maximum), VOUT (single-ended) measured at output of Coilcraft PWB-4-BL transformer, unless otherwise noted.
300
50
100
150
200
250
0
6
12
18
24
30
36
42
48
54
60
GAIN CODE
CURRENT LEVEL 3
CURRENT LEVEL 2
CURRENT LEVEL 1
CURRENT LEVEL 0
VIN = 29dBmV
Figure 5. Supply Current vs. Gain Code
275
270
265
260
255
250
245
240
235
–60
–40
–20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
GAIN CODE 60
CURRENT LEVEL 3
5.25V
5.00V
4.75V
Figure 6. Supply Current vs. Ambient Temperature at Maximum Gain
75
70
65
60
55
50
–60
–40
–20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
GAIN CODE 01
CURRENT LEVEL 0
5.25V
5.00V
4.75V
Figure 7. Supply Current vs. Ambient Temperature at Minimum Gain
60
–60
–45
–30
–15
0
15
30
45
1M
1G
100M
10M
FREQUENCY (Hz)
CURRENT LEVEL 3
VIN = 29dBmV
GAIN CODE 60
GAIN CODE 40
GAIN CODE 20
GAIN CODE 01
Figure 8. Gain vs. Frequency
1.0
–2.0
–1.5
–1.0
–0.5
0
0.5
58
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
FREQUENCY (MHz)
5
CURRENT LEVEL 3
CURRENT LEVEL 2
CURRENT LEVEL 1
CURRENT LEVEL 0
GAIN CODE 60 (MAXIMUM)
VIN = 29dBmV
Figure 9. Normalized Frequency Response at Maximum Gain
1.0
–3.0
–2.0
–2.5
–1.5
–1.0
–0.5
0
0.5
58
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
FREQUENCY (MHz)
5
+25°C
–40°C
+85°C
GAIN CODE 60 (MAXIMUM)
VIN = 29dBmV
Figure 10. Normalized Frequency Response over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com