Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 29 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 29 Page - Micronas

Back Button HAL855 Datasheet HTML 25Page - Micronas HAL855 Datasheet HTML 26Page - Micronas HAL855 Datasheet HTML 27Page - Micronas HAL855 Datasheet HTML 28Page - Micronas HAL855 Datasheet HTML 29Page - Micronas HAL855 Datasheet HTML 30Page - Micronas HAL855 Datasheet HTML 31Page - Micronas HAL855 Datasheet HTML 32Page - Micronas HAL855 Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
29
4.5. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
At static conditions and continuous operation, the fol-
lowing equation applies:
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the
application.
Example with typical given values:
IDD =0.007 A
VDD =5 V
Rthja = 235 K/W
Tjmax = 170
The current through the output is calculated as follows:
VPull-up = 5 V
RPull-up = 470 Ω
RDS,on =50 Ω
ΔT is calculated as follows:
The maximum ambient temperature TAmax can be
calculated as:
−1080
−17
10
−1150
−16
11
−1180
−15
11
−1270
−14
12
−1290
−13
12
−1360
−12
13
−1430
−11
14
−1460
−10
14
−1540
−915
−1600
−816
−1670
−717
−1740
−618
−1810
−519
−1880
−420
−1950
−321
−2020
−222
−2100
−123
Table 4–1: Temperature compensation, continued
Typ. Temperature Coefficient
of Magnet (ppm/K)
TC
TCSQ
T
J
T
A
T
Δ
+
=
T
Δ
I
DD
V
DD
×
R
thjx
×
I
Out
V
OutLow
×
R
thjx
×
+
=
I
Out
V
Pull
up
–
R
Pull
up
–
R
+
DS on
,
----------------------------------------------
5V
520
Ω
-------------
0.01A
∼
=
=
V
OutLow
I
Out
R
DS on
,
×
0.01A
50
Ω
×
0.5V
==
=
ΔT
0.007A
5V
235
×
K
W
-----
0.01
+
A
0.
× 5V 235
×
K
W
-----
9.4
=
×
=
T
Amax
T
Jmax
T
Δ
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com