Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 25 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 25 Page - Micronas

Back Button HAL855 Datasheet HTML 21Page - Micronas HAL855 Datasheet HTML 22Page - Micronas HAL855 Datasheet HTML 23Page - Micronas HAL855 Datasheet HTML 24Page - Micronas HAL855 Datasheet HTML 25Page - Micronas HAL855 Datasheet HTML 26Page - Micronas HAL855 Datasheet HTML 27Page - Micronas HAL855 Datasheet HTML 28Page - Micronas HAL855 Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
25
3.7. Magnetic Characteristics
at TJ = −40 °C to +170 °C, VDD = 4.5 V to 14 V, after programming and locking of the device,
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 5 V.
Definition of Sensitivity Errors over Temperature
A ideal Hall-effect device would not be affected by
temperature. Its temperature compensation would
allow to compensate for a linear temperature coeffi-
cient
α
IDEAL of a permanent magnet.
The temperature dependence of the sensitivity of a
real sensor is not ideally linear. Its linear temperature
coefficient
α is determined by a linear least square fit.
Micronas
specifies
two
sensitivity
errors
over
temperature:
1. the error of the linear temperature coefficient
α:
2. the maximum residual error over temperature
resulting from the least square fit, i.e., the integral
non-linearity of the temperature dependence of sen-
sitivity:
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
BOffset
Magnetic Offset
3
−10
1
mT
B = 0 mT, TJ = 25 °C
ΔB
Offset/ΔT
Magnetic Offset Change
due to TJ
−15
0
15
μT/K
B = 0 mT
Δα
Error of Linear Temperature
Coefficient of Magnetic Sensitivity
−400
0
400
ppm/K
TC and TCSQ suitable for the
application
NLSB(T)
Integral Non-Linearity of
Temperature Dependence of
Sensitivity
−
−
1
2
−
−
%
%
α < 2000 ppm/K
α >= 2000 ppm/K
TC and TCSQ suitable for the
application
BHysteresis
Magnetic Hysteresis
−20
0
20
μT
Range = 30 mT, Filter = 500 Hz
S0 and α are the fit parameters, res(T) the residual error.
S
IDEA L
1
α
IDEAL
TT
0
–
()
×
+
=
S
B
S
0
1
α
TT
0
–
()
×
res T
()
++
()
×
=
Δα
α α
IDEAL
–
=
NL
SB T
()
max
T res T
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com